전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS2-5W1-R2

  • AI
    The **M2UDS2-5W1-R2** is a high-precision, industrial-grade signal conditioner/transmitter from the **M2 Series** manufactured by **M-System**. It is specifically designed as a **Universal Temperature Transmitter** that converts temperature sensor inputs into isolated DC output signals. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Input Type** | Universal (RTD, Thermocouple, Potentiometer, or DC mV) | | **Output Type** | DC Voltage or Current (e.g., 4-20mA, 0-10V) | | **Power Supply** | 100 – 240V AC (indicated by "5W1" code) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN Rail Mounting (Plug-in base) | | **Accuracy** | Typically ±0.1% of span | --- ### 2. Electronic Component Breakdown The device functions through several internal electronic stages to ensure signal integrity: #### A. Input Conditioning Stage * **Sensor Interface:** Features high-impedance circuitry to prevent loading effects on the sensor. * **A/D Converter:** Converts the analog signal from the temperature probe into a high-resolution digital value for processing. * **Cold Junction Compensation (CJC):** If used with thermocouples, an internal thermistor monitors the terminal temperature to compensate for voltage errors. #### B. Isolation Barrier * **Galvanic Isolation:** Uses opto-isolators or magnetic transformers to separate the input, output, and power circuits. This prevents ground loops and protects expensive control equipment (like a PLC) from high-voltage surges on the field side. #### C. Microprocessor Control * **Linearization:** Since sensors like Thermocouples are non-linear, the internal CPU applies a mathematical curve to ensure the output is perfectly proportional to the actual temperature. * **Configuration:** The "R2" suffix often denotes specific factory settings or communications protocols for field configuration. #### D. Output Driver * **D/A Converter:** Converts the processed digital signal back into an analog format. * **Precision Amplifier:** Ensures the output (e.g., 4-20mA) remains stable regardless of the load resistance. --- ### 3. Application Use Case This part is typically found in: 1. **Chemical Plants:** Monitoring reactor temperatures. 2. **Power Generation:** Sending boiler temperature data to a central SCADA system. 3. **HVAC Systems:** High-precision air handling control.
    ✨ Follow-up Questions
    • ⤷ How do I configure the input type for this specific model?
    • ⤷ What is the maximum isolation voltage for the M2 Series?
    • ⤷ Does this model support HART communication?