전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS2-5W5W-R2

  • AI
    The **M2UDS2-5W5W-R2** is a specialized industrial signal conditioner, specifically a **Plug-in Multi-mount Signal Conditioner** (often part of the M2 series by manufacturers like M-System/MG CO., LTD). It is designed to interface between field sensors and control systems (PLC/DCS). --- ## Technical Specifications Breakdown The model number typically follows a specific nomenclature. Here is the breakdown of the electronic parameters for this specific part: | Component Code | Parameter Type | Description | | :--- | :--- | :--- | | **M2UDS2** | Model Series | DC Alarm (dual output) / Signal Conditioner | | **5** | Input Signal | 0 – 5V DC | | **W** | Output 1 | Relay Contact (SPDT) | | **W** | Output 2 | Relay Contact (SPDT) | | **R** | Power Supply | 24V DC | | **2** | Style/Version | Specific design iteration or enclosure style | --- ## Key Electronic Features ### 1. Input Stage * **Voltage Range:** Fixed at 0 to 5V DC. * **Input Impedance:** Usually $\ge$ 1MΩ, ensuring minimal load on the source signal. * **Function:** It monitors a DC voltage signal and compares it against a user-defined setpoint. ### 2. Dual Alarm Outputs (5W5W) This unit features two independent alarm outputs, typically used for: * **High-High (HH):** Extreme condition shutdown. * **High (H):** Warning state. * **Low (L) or Low-Low (LL):** Undervoltage alerts. * **Switching Capacity:** Usually rated for 120V AC @ 0.5A or 30V DC @ 0.5A (resistive load). ### 3. Isolation & Protection * **3-Port Isolation:** It provides electrical isolation between the **Input**, the **Output**, and the **Power Supply**. * **Dielectric Strength:** Usually rated for 2000V AC for 1 minute. * **Protection:** Integrated surge protection to prevent damage from transients on the power line. ### 4. Configuration Adjustments Behind the front cover, you will find several electronic adjustment points: * **Set-point Pots:** Multi-turn potentiometers to set the trip level (0 – 100%). * **Hysteresis (Deadband):** Adjusts the reset point to prevent "chattering" of the relays. * **LED Indicators:** Visual status for Power (Green) and Alarm states (Red). --- ## Circuit Connection Example ```mermaid graph LR A[0-5V DC Sensor] --> B(Input Terminals) C[24V DC Power] --> D(Power Terminals) B --> E{Comparator Circuit} E --> F[Relay 1: High Alarm] E --> G[Relay 2: Low Alarm] ``` --- ## Physical Construction * **Mounting:** DIN rail or surface mount via a plug-in base (socket). * **Wiring:** Screw terminals located on the base socket, allowing the electronic module to be replaced without disconnecting wires.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the M2UDS2 series?
    • ⤷ How do I calibrate the trip points using the onboard potentiometers?
    • ⤷ Can the relay outputs be configured for 'Normally Energized' vs 'Normally De-energized' operation?