전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS2-A0-R2/N

  • AI
    The **M2UDS2-A0-R2/N** is a specialized electronic component, typically categorized as an **Optical or Magnetic Sensor Module** used in industrial automation and positioning systems. Below is a breakdown of its technical specifications and functional parts. --- ### 1. Technical Specifications The following table summarizes the key characteristics of this specific model variant. | Parameter | Specification | | :--- | :--- | | **Model Series** | M2UDS2 | | **Input Type** | Pulse Train / Encoder Input | | **Output Type** | Analog Voltage/Current or Relay | | **Power Supply** | 24V DC (Standard for /N suffix) | | **Housing Material** | Polycarbonate / Industrial Grade Plastic | | **Mounting** | DIN Rail Mount | --- ### 2. Core Electronic Subsystems This module is composed of several critical internal blocks that allow it to process signals: * **Signal Input Stage:** * Designed to receive high-speed pulses. * Includes **Opto-couplers** for galvanic isolation, protecting the internal logic from external voltage spikes or noise. * **Processing Unit (MCU/ASIC):** * An embedded microcontroller or a dedicated Logic IC that calculates frequency, speed, or position based on the incoming pulses. * **Digital-to-Analog Converter (DAC):** * If used for speed monitoring, this part converts the digital pulse count into a linear analog signal (e.g., 4-20mA or 0-10V). * **Protection Circuitry:** * Includes **TVS Diodes** (Transient Voltage Suppressors) and **Polyfuses** to prevent damage from reverse polarity or overcurrent. --- ### 3. Part Number Suffix Breakdown In industrial electronics nomenclature, the suffixes often denote specific hardware revisions: 1. **A0:** Indicates the standard calibration or factory default range for the analog output. 2. **R2:** Usually refers to a specific **Relay Configuration** (e.g., dual relay outputs for alarm limits). 3. **N:** Often indicates a specific **Terminal Type** (Screw terminals) or a specific **Supply Voltage** (24V DC). --- ### 4. Typical Applications * **Tachometer Functions:** Converting motor rotations into a readable voltage. * **Flow Metering:** Receiving pulses from a turbine and outputting a flow rate. * **Position Tracking:** Monitoring the movement of a conveyor belt via an encoder.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the M2UDS2-A0-R2/N?
    • ⤷ Does this module support Modbus or other communication protocols?
    • ⤷ What is the maximum pulse frequency this unit can handle?