전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS2-A1-R

  • AI
    The **M2UDS2-A1-R** is an industrial-grade **Solid State Drive (SSD)** manufactured by **Innodisk**. It is part of the M.2 (S2) series, specifically designed for embedded systems, industrial automation, and server environments where reliability and space-saving are critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 (S2) | | **Interface** | SATA III (6.0 Gb/s) | | **Flash Type** | iSLC (Industrial MLC) | | **Capacity** | Variable (The 'A1' often refers to a specific density or revision) | | **Dimensions** | 22.0 x 42.0 x 3.2 mm | | **Operating Temp** | Standard (0°C ~ +70°C) or Industrial (-40°C ~ +85°C) | | **MTBF** | > 3,000,000 hours | --- ### 2. Core Electronic Components The architecture of the M2UDS2-A1-R consists of several high-performance electronic parts: #### A. The Controller The "brain" of the SSD. It handles the interface protocol (SATA), error correction (ECC), and data routing. * **Wear Leveling:** Distributes write/erase cycles across the flash blocks to prevent premature failure. * **Bad Block Management:** Identifies and bypasses defective memory sectors. #### B. iSLC Flash Memory Unlike standard consumer MLC (2 bits/cell) or TLC (3 bits/cell), **iSLC** is a proprietary technology that manages MLC flash to behave like SLC (Single Level Cell). * **Endurance:** Offers up to 30,000 P/E (Program/Erase) cycles, which is 10x higher than standard MLC. * **Performance:** Provides faster write speeds and higher data retention reliability. #### C. Power Management Circuitry Designed for "Industrial Strength" power stability: * **iData Guard:** A firmware/hardware combined feature that ensures data integrity during sudden power loss. * **Voltage Regulators:** High-quality capacitors and ICs that filter electrical noise from the host system. --- ### 3. Key Electronic Features 1. **Thermal Sensor:** Integrated onto the PCB to monitor real-time temperature, allowing the system to throttle performance if it exceeds safe limits. 2. **Gold Finger Interface:** Uses 30μ” gold plating on the M.2 pins to ensure a stable connection and prevent oxidation in humid or harsh environments. 3. **Shock/Vibration Resistance:** Designed without moving parts, making it electronically superior to HDDs in high-motion environments (MIL-STD-810G compliant). --- ### 4. Part Number Breakdown (Example) While Innodisk part numbers are specific, here is a general breakdown: * **M2U:** M.2 Form Factor. * **DS2:** SATA III Interface / Series type. * **A1:** Specific capacity code or hardware revision. * **R:** Usually denotes RoHS compliance or specific packaging/revision. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between iSLC and standard MLC in terms of lifespan?
    • ⤷ Does this SSD support AES encryption for data security?
    • ⤷ What are the power consumption requirements for the M2UDS2 series?