전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS2-A1D-R

  • AI
    The **M2UDS2-A1D-R** is a specific model of an **Industrial Magnetic Proximity Sensor**, typically categorized as a door or window contact sensor used in security, automation, and industrial control systems. --- ## 1. Technical Specifications The following table outlines the primary electronic and mechanical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Magnetic Reed Switch | | **Output Type** | Dry Contact (Normally Open/Closed) | | **Max Switching Voltage** | ~100V DC/AC (typical for this series) | | **Max Switching Current** | 0.5A | | **Contact Resistance** | < 200 mΩ | | **Operating Distance** | 15mm to 25mm (Gap) | | **Housing Material** | High-impact ABS Plastic or Zinc Alloy | | **Wiring** | 2-wire or 3-wire lead configuration | --- ## 2. Key Electronic Components ### A. The Reed Switch The heart of the M2UDS2-A1D-R is a **Reed Switch**. This consists of two ferromagnetic blades (reeds) hermetically sealed in a glass envelope. * **Mechanism:** When a permanent magnet (the actuator) comes within the specified sensing range, the magnetic field pulls the reeds together, closing the circuit. * **Durability:** Because the contacts are sealed in an inert gas, they are protected against oxidation and corrosion. ### B. Magnetic Actuator The part of the assembly labeled "A1D" usually refers to the specific magnetic strength and housing. The actuator contains a **Neodymium or Ferrite magnet** designed to trigger the switch at a precise distance. ### C. Protection Circuitry (Internal) While basic models are simple switches, the "R" suffix often denotes a specific **Resistor configuration** (End-of-Line resistor) or a **Reverse polarity/Transient protection** diode, depending on the specific industrial integration requirement. --- ## 3. Application and Usage This part is commonly used in: 1. **Industrial Security:** Monitoring the open/closed status of heavy-duty machinery guards. 2. **Access Control:** Detecting when high-security doors are breached. 3. **Position Sensing:** Ensuring a robotic arm or pneumatic cylinder has reached its "home" position. --- ## 4. Wiring Diagram Concept ```yaml [ Power Source ] ---- [ Brown Wire ] ---- ( Reed Switch ) ---- [ Blue Wire ] ---- [ Load/PLC Input ] ``` *Note: If the model includes a 3rd wire (White/Black), it typically offers both NO (Normally Open) and NC (Normally Closed) options.*
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M2UDS2-A1D-R?
    • ⤷ Does this model support NC (Normally Closed) logic?
    • ⤷ What are the mounting requirements for the magnetic actuator to prevent false triggers?