전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS2-AB-R/CE

  • AI
    Based on the provided part number **M2UDS2-AB-R/CE**, this device belongs to the **M2UDS series** of digital panel meters and signal converters manufactured by **M-System** (a subsidiary of MG CO., LTD). This specific unit is a **Digital Multi-Unit** designed for mounting in industrial control panels to monitor and convert various electrical signals. --- ### ## Technical Specifications Breakdown The alphanumeric code describes the specific hardware configuration and functional capabilities of the unit: | Section | Code | Description | | :--- | :--- | :--- | | **Series** | M2UDS2 | Compact Digital Multi-Unit (typically 1/8 DIN size) | | **Input Type** | AB | Universal Input (Configurable for DC Voltage/Current) | | **Output Type** | R | Relay Contact Output (Usually Dual/Double setpoints) | | **Standards** | /CE | Conforms to European Safety & EMC Standards (CE Marking) | --- ### ### Core Electronic Components & Features The device is composed of several critical electronic sub-systems: 1. **Analog-to-Digital (A/D) Converter:** * Features a high-resolution A/D stage (often 16-bit or higher) to transform incoming analog sensor signals into digital data for the microprocessor. 2. **Microcontroller (MCU):** * Processes the digital signal, applies scaling factors, manages the display refresh rate, and monitors threshold levels for the alarm outputs. 3. **Isolation Circuitry:** * Provides high-dielectric strength (typically up to 2000V AC) between input, output, and power supply to protect sensitive upstream PLC/DCS systems from surges. 4. **Display Module:** * Usually utilizes a 4-digit red LED or high-contrast LCD for clear visibility in industrial environments. 5. **Relay Output Stage:** * Mechanical or Solid-State relays used for "High/Low" alarm triggering or basic On/Off control. --- ### ### Typical Application Circuit When wiring this part into an electronic system, the configuration usually follows this logic: ```mermaid graph LR A[Sensor/Transmitter] -->|4-20mA / 1-5V| B(M2UDS2 Input) B --> C{MCU Logic} C --> D[LED Display] C --> E[Relay 1: High Alarm] C --> F[Relay 2: Low Alarm] ``` --- ### ### Key Electrical Ratings * **Power Supply:** Usually available in AC (100–240V) or DC (24V) variants (check label for exact suffix). * **Input Impedance:** High impedance for voltage (approx. 1MΩ) and low for current (approx. 250Ω). * **Response Time:** Programmable, typically ranging from 0.1 to 60 seconds to filter out signal noise. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring terminal assignments for the M2UDS2-AB-R/CE?
    • ⤷ How do I calibrate the input scaling using the front panel buttons?
    • ⤷ Does this model support Modbus RTU communication for digital data logging?