전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS2-AB-R2/CE

  • AI
    The **M2UDS2-AB-R2/CE** is a specialized electronic component, typically identified as a **Digital Signal Transducer** or **Isolator** manufactured by companies like **M-System**. These devices are designed to convert a signal from one form to another while providing galvanic isolation. --- ### 1. Key Technical Specifications Below are the general specifications typical for this model series: | Feature | Description | | :--- | :--- | | **Component Type** | Digital/Analog Signal Transducer | | **Input Signal** | Standard DC current or voltage (e.g., 4-20mA, 1-5V) | | **Output Signal** | Dual output (typically proportional DC signals) | | **Power Supply** | Usually AC (100-240V) or DC (24V) depending on code | | **Isolation** | 2000V AC (Input to Output to Power to Ground) | | **Mounting** | DIN Rail Mounting | | **Certification** | CE Marking (as indicated by the `/CE` suffix) | --- ### 2. Breakdown of the Model Code The alphanumeric string defines the specific hardware configuration: * **M2UDS2**: The base series identifier (Unit type). * **AB**: Represents the Input/Output configuration. * **A**: Usually indicates the specific Input type (e.g., 4-20mA DC). * **B**: Usually indicates the Output 1 type (e.g., 1-5V DC). * **R2**: Refers to the Power Input (e.g., 24V DC or specific AC ranges). * **CE**: Confirms the unit meets European Conformity standards for safety and EMC. --- ### 3. Core Electronic Functions The internal circuitry of the M2UDS2-AB-R2/CE performs three primary roles: 1. **Signal Conversion**: It takes an analog input from a sensor or PLC and scales it linearly to a standard output range. 2. **Galvanic Isolation**: It uses optical or magnetic coupling to ensure there is no direct electrical connection between the input, output, and power supply. This prevents ground loops and protects sensitive equipment from high-voltage surges. 3. **Dual Output (Splitter)**: It can provide two independent signals from a single input source, allowing one signal to go to a local display and the other to a central control system (SCADA/PLC). --- ### 4. Typical Connection Diagram ```text [ Input Source ] ----> [ Terminals 1(+) & 2(-) ] | [ Internal Isolator ] | [ Output 1 ] <--------- [ Terminals 3(+) & 4(-) ] [ Output 2 ] <--------- [ Terminals 5(+) & 6(-) ] | [ Power Supply ] <----- [ Terminals 7(+) & 8(-) ] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific input and output signal ranges for the 'AB' configuration?
    • ⤷ Does this model support HART communication protocols?
    • ⤷ What is the response time (ms) for this signal transducer?