전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS2-AD-R2

  • AI
    The **M2UDS2-AD-R2** is a high-performance, ultra-slim signal conditioner (isolator) manufactured by **M-System**. It is specifically designed to convert a DC input signal into two isolated DC output signals. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Number** | M2UDS2-AD-R2 | | **Power Input** | 24V DC (Allowable range 24V ±10%) | | **Input Signal** | 4 – 20 mA DC | | **Output 1 & 2** | 4 – 20 mA DC (Active or Passive options available) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN Rail (Ultra-slim 5.9 mm width) | | **Operating Temp** | -25 to +55°C (-13 to +131°F) | --- ### 2. Core Electronic Components & Architecture The device utilizes a sophisticated circuit design to maintain signal integrity in industrial environments: * **Isolation Barrier:** Uses a high-frequency transformer or optical coupling to provide **2000V AC** isolation. This prevents ground loops and protects sensitive PLC/DCS cards from high-voltage surges. * **A/D and D/A Converters:** The analog input is digitized to ensure high precision and stability, then converted back to an analog output. This digital processing allows for zero/span adjustments without interference. * **Microprocessor Control:** Manages the signal linearization and compensation for temperature drift, ensuring an accuracy of ±0.1%. * **Overload Protection:** Includes internal circuitry to protect against reverse polarity and over-current on the input loop. --- ### 3. Functional Wiring Diagram Concept To interface with this part, the wiring typically follows this logic: ```yaml Terminal Connections: [1] Input (+) <-- 4-20mA Signal from Sensor [2] Input (-) [3] Output 1 (+) --> To PLC/Controller [4] Output 1 (-) [5] Output 2 (+) --> To Local Display/Secondary Device [6] Output 2 (-) [7] Power (+) <-- 24V DC [8] Power (-) ``` --- ### 4. Advantages of the M2UDS2 Series 1. **Space Efficiency:** At only 5.9 mm wide, it allows for high-density installation in control panels. 2. **Dual Output:** It eliminates the need for two separate isolators when a signal needs to be shared between a DCS and a local chart recorder or HMI. 3. **Low Heat Dissipation:** Designed for low power consumption, preventing heat buildup in tight enclosures.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span on the M2UDS2-AD-R2?
    • ⤷ Can the outputs be configured for different voltage ranges (e.g.
    • ⤷ 0-10V)?
    • ⤷ What is the maximum load resistance supported by the 4-20mA outputs?