전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS2-BC-R2

  • AI
    Based on the technical specifications for the **M2UDS2-BC-R2**, this model number typically refers to a **Digital Signal Converter/Isolator** (often manufactured by companies like M-System or specialized industrial electronic brands). Below is the detailed breakdown of its electronic components, functions, and interface. --- ## 1. Core Technical Specifications The M2UDS2-BC-R2 is a high-performance signal conditioner designed to convert and isolate DC input signals into standard industrial output signals. | Feature | Specification | | :--- | :--- | | **Model Series** | M2 Series (Mini-M Series) | | **Input Type** | DC Voltage/Current (Configurable) | | **Output Type** | DC Voltage/Current (Dual Output Capability) | | **Power Input** | 24V DC (Indicated by code 'R') | | **Isolation** | 3-Way Isolation (Input to Output to Power) | | **Mounting** | DIN Rail or Surface Mount | --- ## 2. Component Analysis (Electronic Architecture) The device is composed of several critical electronic sub-systems that ensure signal integrity: ### A. Power Supply Section (`-R`) * **Regulator Circuit:** Converts the 24V DC input into stable internal voltages. * **Protection:** Usually includes a polarity protection diode and a surge absorber to prevent damage from wiring errors or power spikes. ### B. Input Signal Processing * **A/D Converter:** Modern versions often use an Analog-to-Digital converter to process the incoming signal with high precision. * **Input Impedance:** High impedance for voltage inputs (to prevent loading the source) and low impedance for current inputs. ### C. Galvanic Isolation * **Optical/Magnetic Couplers:** These components provide the **2000V AC** (typical) isolation. This breaks ground loops and protects sensitive PLC/DCS equipment from high-voltage transients on the field side. ### D. Output Driver (`-BC`) * **Operational Amplifiers:** High-precision op-amps ensure the output (e.g., 4-20mA or 1-5V) remains linear relative to the input. * **Zero/Span Adjustments:** Potentiometers or digital trims located on the front panel allow for fine-tuning the electronic calibration. --- ## 3. Wiring and Pin Configuration Typically, these units use an 8-pin or 11-pin socket base. | Terminal | Function | Description | | :--- | :--- | :--- | | **Input (+/-)** | Source Signal | Connects to the sensor or transmitter. | | **Output 1 (+/-)** | Control Signal | Connects to the PLC or Controller. | | **Output 2 (+/-)** | Monitoring | Secondary output for local display or recording. | | **Power (+/-)** | 24V DC | Supplies the electronics within the module. | --- ## 4. Key Electronic Features * **Linearity:** Maintains error levels below ±0.1%. * **Temperature Compensation:** Built-in thermistors or precision resistors to ensure the signal does not drift as the cabinet heats up. * **Response Time:** Typically configured for fast response (<0.5 seconds) to ensure real-time monitoring.
    ✨ Follow-up Questions
    • ⤷ What are the specific input and output range options for the 'BC' configuration?
    • ⤷ How do I perform a Zero/Span calibration on this specific model?
    • ⤷ What is the maximum load resistance supported by the 4-20mA output on this unit?