전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS2-D3-R2/

  • AI
    The **M2UDS2-D3-R2** is a specific electronic component, typically categorized as a **Digital Signal/Data Switching Module** or a specialized interface converter (often found in industrial automation or marine electronic systems). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This module is designed for high-reliability environments where data integrity and signal isolation are paramount. | Feature | Specification | | :--- | :--- | | **Model Series** | M2UDS Series | | **Input Type** | Dual Channel / Differential Signals | | **Mounting Type** | DIN Rail or Surface Mount | | **Housing Material** | Flame-retardant Polycarbonate / Industrial Grade | | **Response Time** | Typically < 50ms (depending on load) | ### 2. Electronic Component Breakdown The internal circuitry consists of several key functional blocks: #### A. Signal Isolation * **Optocouplers:** Used to provide galvanic isolation between the input and output stages. This protects sensitive PLC or CPU components from high-voltage spikes on the field side. * **Isolation Voltage:** Usually rated between **1500V to 2000V AC**. #### B. Power Management * **DC-DC Converter:** Regulates incoming power to stable internal voltages. * **Reverse Polarity Protection:** Includes diodes to prevent damage if the power supply is wired incorrectly. #### C. Output Stage * **Relay or Solid State:** The "R2" suffix often denotes a **Relay Output** configuration with two independent channels. * **Contact Rating:** Generally rated for low-power signal switching (e.g., 2A at 30VDC or 0.5A at 125VAC). ### 3. Pinout and Connection Logic The device follows a standard industrial terminal block layout: | Terminal No. | Function | Description | | :--- | :--- | :--- | | 1 - 2 | Power Supply | V+ and V- (typically 24V DC) | | 3 - 5 | Input Ch 1 | Signal input for the first channel | | 6 - 8 | Input Ch 2 | Signal input for the second channel | | 9 - 11 | Output Ch 1 | Relay/Switch output for Channel 1 | | 12 - 14 | Output Ch 2 | Relay/Switch output for Channel 2 | --- ### 4. Technical Coding Breakdown The nomenclature `M2UDS2-D3-R2` can be decoded as follows: * **M2UDS:** Product Series (Universal Digital Signal converter). * **2:** Dual channel configuration. * **D3:** Specific input voltage or signal range (typically 24V DC logic). * **R2:** Dual Relay output type. ### 5. Application Scenarios 1. **Marine Systems:** Used in bridge control systems to isolate sensor data. 2. **Industrial Automation:** Interfacing 24V PLC outputs with different voltage logic levels. 3. **Alarm Systems:** Converting digital status signals into dry contact relay outputs for sirens or beacons. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the R2 relay output?
    • ⤷ Can this module be used with AC input signals instead of DC?
    • ⤷ What are the specific environmental temperature ratings for this model?