M2UDS2-K0-R
AI

The **M2UDS2-K0-R** is a specific part number typically associated with **IDEC Corporation’s** line of miniature electronic components, specifically within their **M2 series of pilot lights and indicators**.
Below is a detailed breakdown of the electronic and mechanical characteristics of this component.
---
### 1. Component Overview
The M2UDS2-K0-R is a **Square LED Indicator/Pilot Light**. These are commonly used in control panels, instrumentation, and industrial machinery to provide visual feedback to operators.
### 2. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Series** | M2 Series (Miniature) |
| **Shape** | Square (S2 designation) |
| **Mounting Hole** | 8mm Diameter |
| **Input Voltage** | Typically 24V DC (Standard for K0 series) |
| **Illumination Type** | LED (High brightness) |
| **Color** | Red (R suffix) |
| **Termination** | Solder terminals |
| **Current Draw** | Low (Approx. 7mA - 15mA depending on voltage) |
---
### 3. Electronic Architecture
The internal electronic structure of the M2UDS2-K0-R consists of three primary elements:
1. **Light Emitting Diode (LED):** The core light source. Unlike incandescent bulbs, this is solid-state, vibration-resistant, and has a long lifespan (approx. 50,000+ hours).
2. **Current-Limiting Resistor:** Built into the housing to ensure the LED operates safely at the rated voltage without burning out.
3. **Reverse Polarity Protection:** Most IDEC LED units include a diode to protect the component if the DC leads are connected backwards.
### 4. Part Number Breakdown (Nomenclature)
Understanding the alphanumeric code helps in identifying the specific electronic requirements:
* **M2:** The series name (Miniature 8mm).
* **U:** Indicates the unit type (Indicator).
* **D:** LED Illumination.
* **S2:** 10mm x 10mm Square bezel size.
* **K0:** Voltage rating (Commonly represents 24V DC for this series).
* **R:** Lens color (Red).
---
### 5. Installation & Wiring
The device is designed for panel mounting. Below is a simple representation of the electrical connection:
```text
[Positive Terminal (+)] ----> [Internal Resistor] ----> [LED] ----> [Negative Terminal (-)]
```
* **Terminal Type:** Solder terminals require heat-shrink tubing for industrial safety to prevent short circuits.
* **Panel Thickness:** Typically supports panels from 0.5mm to 6mm.
- ⤷
What are the alternative voltage ratings available for the M2 series?
- ⤷ How does the S2 square mounting compare to the round M2 versions?
- ⤷ Are there specific IP ratings for the M2UDS2-K0-R regarding water resistance?