전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2UDS2-K3-R/N

  • AI
    The **M2UDS2-K3-R/N** is a specific model within the **M2UDS2 series**, which consists of high-precision, slim-type electronic transducers/signal conditioners, typically manufactured by companies like **M-System**. These devices are used to convert physical measurements (like voltage or current) into standardized signals for industrial automation. --- ### 1. Key Technical Specifications Based on the part number nomenclature, here are the primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Input Type** | DC Voltage or Current (Standard range) | | **Output Type** | Dual Output (Isolated) | | **Power Supply (K)** | 85 – 132V AC | | **Output 1 (R)** | 4 – 20 mA DC (Load resistance 600 $\Omega$ max.) | | **Output 2 (N)** | No Output / Custom (Depending on the specific config) | | **Accuracy** | ±0.1% | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | | **Isolation** | Input to output to power to ground (2000V AC) | --- ### 2. Functional Electronic Components The internal circuitry of the M2UDS2-K3-R/N is divided into three main isolated stages: 1. **Input Conditioning Stage:** Uses high-impedance operational amplifiers to sample the input signal without loading the source. It includes protection circuits to handle overvoltage or surge currents. 2. **Galvanic Isolation Circuitry:** Utilizes optical or transformer-based isolation. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage spikes on the field side. 3. **Output Conversion Stage:** A precision current-loop driver that ensures the 4-20mA signal remains stable regardless of changes in load resistance (up to 600 $\Omega$). --- ### 3. Application Use Cases This specific model is used in industrial environments for: * **Signal Splitting:** Taking one sensor input and providing two isolated outputs for a controller and a local display. * **Noise Reduction:** Cleaning up "noisy" electrical signals from the field before they enter a control system. * **Impedance Matching:** Converting a high-impedance voltage source into a low-impedance current loop. --- ### 4. Wiring Diagram Overview While specific pinouts should be verified via the datasheet, the general electronic layout is: * **Terminals 1 & 2:** Power Input (85-132V AC). * **Terminals 5 & 6:** Input Signal. * **Terminals 7 & 8:** Output 1 (4-20mA). * **Terminals 9 & 10:** Output 2.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the M2UDS2 series?
    • ⤷ How do I calibrate the zero and span settings on this transducer?
    • ⤷ What is the difference between the 'R' and 'V' output codes in this model series?