전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF-00-R/UL

  • AI
    The **M2VF-00-R/UL** is an ultra-slim, signal conditioning transducer (converter) manufactured by **M-System**. It is specifically designed to convert variable frequency signals from pulse-generating devices into standard DC signals. --- ### 1. Key Technical Specifications The following table highlights the primary electronic characteristics of the device: | Feature | Specification | | :--- | :--- | | **Function** | Frequency Transmitter (V-F Converter) | | **Input Signal** | Dry contact, open collector, or voltage pulses | | **Output Signal** | 4 – 20 mA DC (at $250 \Omega$ max load) | | **Power Input** | 24V DC (approx. 50mA) | | **Accuracy** | $\pm 0.1\%$ of span | | **Response Time** | $\le 0.5$ sec ($0 \to 90\%$) | | **Construction** | Ultra-slim (5.9 mm width) | --- ### 2. Operational Mechanism The M2VF-00-R/UL functions through a multi-stage electronic process: 1. **Input Pulse Detection:** The device receives a frequency signal (e.g., from a flow meter or speed sensor). It accepts a wide range of frequencies, typically scaled during ordering or via internal settings. 2. **Signal Normalization:** The input pulses are filtered to remove noise and converted into a digital pulse stream. 3. **Frequency-to-Voltage Integration:** The internal circuitry calculates the average frequency and converts it into a proportional, linear DC current. 4. **Isolation:** The device provides **Galvanic Isolation** (2000V AC) between input, output, and power supply. This prevents ground loops and protects sensitive PLC/DCS equipment. --- ### 3. Electronic Protection & Standards * **UL Approval:** The "UL" suffix indicates it meets North American safety standards for industrial control equipment. * **CE Marking:** Complies with Electromagnetic Compatibility (EMC) and Low Voltage directives. * **Surge Protection:** Equipped with internal surge suppressors to withstand voltage spikes on power and signal lines. --- ### 4. Typical Application Example In an industrial environment, the M2VF is often used as follows: ```mermaid graph LR A[Flow Meter/Encoder] -- Pulse Signal --> B(M2VF-00-R/UL) B -- 4-20mA DC --> C[PLC / Controller] D[24V DC Power] --> B ```
    ✨ Follow-up Questions
    • ⤷ What are the specific input frequency ranges supported by the M2VF series?
    • ⤷ How does the ultra-slim 5.9mm design impact heat dissipation in a control panel?
    • ⤷ Can the output signal be changed from 4-20mA to a 0-10V DC signal?