전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF-01-R/Q

  • AI
    ## Technical Analysis of the M2VF-01-R/Q The **M2VF-01-R/Q** is a high-precision, PC-programmable **Signal Conditioner** (Transmitter) manufactured by **M-System**. It is specifically designed to convert variable frequency or pulse signals into standardized DC voltage or current signals. --- ### 1. Key Technical Specifications The "R" and "Q" suffixes typically denote power input and special options respectively. | Feature | Specification | |:---|:---| | **Input Signal** | Dry contact, open collector, voltage pulse, or sine wave | | **Output Signal** | DC Current (e.g., 4–20mA) or DC Voltage (e.g., 1–5V) | | **Power Input (R)** | 24V DC | | **Frequency Range** | 0.01 Hz to 100 kHz (programmable) | | **Accuracy** | ±0.1% of span | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN Rail (M2 series ultra-slim housing) | --- ### 2. Functional Electronic Components The internal architecture of the M2VF-01 consists of several critical stages: #### A. Input Pulse Shaper This circuit processes incoming raw pulses (which may be noisy or have low amplitude) and converts them into clean, logic-level square waves. It includes: * **Threshold Detection:** Adjustable levels to filter out electrical noise. * **Opto-Isolators:** Provides galvanic isolation to protect the internal processor from high-voltage spikes on the input line. #### B. Microprocessor & Frequency-to-Digital Converter Unlike older analog converters, the M2VF uses a high-speed microcontroller to measure the period of incoming pulses. * **Calculation:** It calculates the frequency ($f = 1/T$) and maps it linearly or non-linearly to the desired output scale. * **Configuration:** Parameters are stored in non-volatile memory via PC programming. #### C. Output DAC & Buffer * **Digital-to-Analog Converter (DAC):** Converts the processed digital value back into an analog voltage. * **V/I Conversion:** A final stage operational amplifier (Op-Amp) and transistor network convert the voltage into a stable current loop (if 4-20mA is selected). --- ### 3. Application Use Cases 1. **Flow Measurement:** Converting pulses from a turbine flowmeter into a 4-20mA signal for a PLC. 2. **Motor Speed Monitoring:** Taking a frequency signal from a proximity sensor on a rotating shaft and displaying RPM. 3. **Power Frequency Monitoring:** Monitoring grid frequency fluctuations. --- ### 4. Configuration Hardware Connection To program the unit, a specific interface cable is required to connect the module to a PC running M-System's configuration software. ```bash [PC] <--> [COP-US USB Cable] <--> [M2VF Programming Port] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'M' power input versions for this model?
    • ⤷ How do I calibrate the zero and span settings without a PC?
    • ⤷ What is the maximum pulse amplitude the input stage can handle?