M2VF-01-R2
AI

The **M2VF-01-R2** is a high-performance **Frequency Transmitter** (or Frequency-to-DC Converter) manufactured by **M-System**. It is part of the Mini-M series and is primarily used in industrial automation to convert pulse train signals from sensors into standard analog signals.
---
### ## Technical Specifications
The "R2" suffix specifically identifies the power input and configuration of the device.
| Component / Feature | Description |
| :--- | :--- |
| **Model Type** | Frequency Transmitter (Mini-M Series) |
| **Input Signal** | Pulse train (Dry contact, Open collector, Voltage pulse) |
| **Output Signal** | 4 – 20 mA DC (Current) or 0 – 10V DC (Voltage) |
| **Power Supply (R2)** | 11 – 27 V DC |
| **Accuracy** | ±0.1% |
| **Response Time** | Max. 0.5 sec (0 – 90%) |
| **Mounting** | DIN Rail or Surface Mount |
---
### ### Electronic Components & Internal Functions
The M2VF-01-R2 operates through three primary electronic stages:
1. **Input Conditioning Circuit:**
* **Isolation:** Uses optical or magnetic isolation to protect the internal circuitry from high-voltage spikes on the input line.
* **Threshold Detection:** It senses pulses based on a specific voltage threshold (typically 2V or higher for voltage pulses).
2. **Frequency-to-Voltage Converter (F/V):**
* The core of the unit is a precision F/V converter. It measures the time interval between pulses and generates a proportional internal DC voltage.
3. **Output Driver:**
* This stage amplifies the internal DC signal to a standard industrial range (like 4-20mA). It is designed to drive high-impedance loads (up to 600Ω for current outputs).
---
### ### Wiring Configuration
The device uses a plug-in base for easy maintenance. Below is the typical terminal arrangement:
| Terminal | Function | Description |
| :--- | :--- | :--- |
| **1 - 2** | Output (+) / (-) | Connects to the PLC/Controller input |
| **3 - 4** | Input (+) / (-) | Connects to the pulse source (e.g., Flowmeter) |
| **5 - 6** | Power (+) / (-) | 24V DC Power Input |
---
### ### Common Applications
* **Flow Measurement:** Converting pulses from a turbine flowmeter into a 4-20mA signal for a PLC.
* **Motor Speed Monitoring:** Converting RPM signals from a magnetic pickup or encoder into a speed control signal.
* **Production Counting:** Translating pulse rates from a conveyor sensor into a rate-of-flow analog signal.
- ⤷
How do I calibrate the Zero and Span on the M2VF-01-R2?
- ⤷ What is the maximum pulse frequency this model can handle?
- ⤷ Can this device be used with a 110V AC power supply?