전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF-015W-R2/UL

  • AI
    The **M2VF-015W-R2/UL** is a specific model of an electronic signal transducer (often referred to as a signal conditioner or transmitter) manufactured by **M-System**. These devices are primarily used in industrial automation to convert variable frequency signals (from flow meters, rotary encoders, or proximity switches) into standard analog signals (like 4-20mA or 0-10V) for PLC or DCS input. --- ### Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Model Series** | M2VF (Mini-M Series) | | **Input Type** | Pulse/Frequency (Dry contact, Open collector, or Voltage pulse) | | **Output Type** | Analog Voltage or Current (Standard 4-20mA or 0-10V) | | **Power Supply** | 100 – 240V AC | | **Frequency Range** | 0 – 10 kHz (Configurable) | | **Accuracy** | ±0.1% | | **Construction** | Plug-in base / DIN rail mount | | **Certification** | UL Listed (as indicated by the /UL suffix) | --- ### Internal Electronic Component Analysis The circuitry of the M2VF-015W-R2/UL is designed for high-precision isolation and conversion. Key electronic stages include: #### 1. Input Signal Conditioner The input stage utilizes high-speed **optocouplers** or pulse isolation transformers. This protects the internal logic from voltage spikes on the field side. It can handle various waveforms (Square, Sine, or Sawtooth) and detects the frequency based on a set threshold. #### 2. Frequency-to-Voltage (F/V) Conversion Modern versions of this unit use a **Microcontroller (MCU)** or a specialized **F/V integrated circuit**. * The MCU counts pulses over a precise time window. * Digital filtering is applied to remove "bounce" or noise from mechanical contacts. #### 3. Isolation Barrier This is a "3-way isolated" device: * **Input to Output** * **Input to Power** * **Output to Power** This is achieved via internal **DC-DC converters** and transformer isolation to prevent ground loops. #### 4. Output Drive Stage The final stage uses **Operational Amplifiers (Op-Amps)** and power transistors to drive the analog loop. If configured for 4-20mA, it acts as a constant current source capable of driving loads up to 750 ohms. --- ### Wiring and Pinout Configuration The device uses a standard 8-pin or 11-pin plug-in base. 1. **Power Input:** Terminals typically designated for L and N (100-240V AC). 2. **Pulse Input:** Positive and Negative terminals for the field sensor. 3. **Analog Output:** Positive and Negative terminals leading to the Controller (PLC/DCS). --- ### Common Applications * **Flow Measurement:** Converting pulses from a turbine flow meter into a 4-20mA signal. * **Motor Speed:** Monitoring RPM via a proximity switch on a gear tooth. * **Positioning:** Translating encoder pulses into a linear analog representation.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span on the M2VF series?
    • ⤷ What is the difference between the R2 and the R power supply options?
    • ⤷ Can this unit handle high-voltage AC pulse inputs?