전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF-01A-R2/CE

  • AI
    The **M2VF-01A-R2/CE** is a high-precision electronic transducer manufactured by **M-System** (now part of MG CO., LTD). It is specifically designed to convert a DC voltage input into a standardized DC output signal while providing high levels of electrical isolation. --- ### 1. General Specifications This device is part of the **M2 Series** (Mini-M), known for its compact, plug-in design that saves cabinet space. | Feature | Specification | | :--- | :--- | | **Input Signal** | DC Voltage (range specified at order, e.g., 0-10V) | | **Output Signal** | DC Current or Voltage (Standardized) | | **Power Input** | 100 – 240V AC (indicated by the "R2" suffix) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN rail or Surface mount | | **Standards** | CE Marked (indicated by the "CE" suffix) | --- ### 2. Breakdown of the Model Number The alphanumeric code provides specific details about the electronic configuration: * **M2VF**: The base model for a **V-Network Transducer** (Voltage Input). * **01**: Indicates the specific output range (usually 4-20mA or 1-5V DC depending on sub-configuration). * **A**: Designates the specific input range type (typically high-impedance voltage). * **R2**: Specifies the power supply requirement (**100–240V AC**). * **CE**: Confirms compliance with European safety and electromagnetic compatibility standards. --- ### 3. Key Electronic Components & Internal Workings The internal circuitry is divided into three primary isolated sections to ensure signal integrity and safety: #### A. Input Section * **Signal Conditioning:** Uses high-impedance operational amplifiers to ensure that the transducer does not "load" the source signal. * **Filtering:** Includes low-pass filters to remove high-frequency noise from the incoming DC signal. #### B. Isolation Barrier * **Optical or Magnetic Coupling:** The signal is converted into a frequency or pulse-width modulated signal, passed across a transformer or optocoupler, and then reconstructed. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges. #### C. Output Section * **Drive Circuitry:** Features a precision current source or voltage follower to ensure the output remains stable even if the load resistance varies (up to a specific limit, usually 750Ω for 4-20mA). * **Zero/Span Adjustment:** Contains two small potentiometers (accessible from the front) to calibrate the electronic offset and gain. --- ### 4. Technical Performance Data | Parameter | Value | | :--- | :--- | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | | **Insulation Resistance** | ≥ 100 MΩ with 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute (Input to Output to Power to Ground) | | **Temp. Coefficient** | ±0.015% per °C |
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the input and output terminals?
    • ⤷ How do I perform a Zero and Span calibration on this specific model?
    • ⤷ What is the difference between the R2 and the M2 power supply options?