전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF-01FW-R

  • AI
    The **M2VF-01FW-R** is a specific electronic component within the **M2VF series**, which are high-performance **Signal Conditioners** (Isolators) manufactured by companies like **M-System** (now MG CO., LTD.). These devices are primarily used in industrial automation to convert, isolate, and transmit electrical signals between field instruments and control systems (like PLCs or DCS). --- ### 1. Technical Specifications Breakdown The model number suffix defines its specific electrical characteristics: | Feature | Specification | Description | |:---|:---|:---| | **Model Series** | M2VF | Super-mini Signal Conditioner (V-Network) | | **Input** | 0 | Configurable / Specific range (often 0–5V or 1–5V DC) | | **Output** | 1 | 4–20 mA DC | | **Power Input** | F | 100 – 120V AC | | **W (Option)** | W | Dual Output (Provides two independent output signals) | | **R (Option)** | R | High-speed response or specific mounting options | --- ### 2. Key Electronic Functions The M2VF-01FW-R performs three primary electronic roles: #### A. Galvanic Isolation It provides 3-way isolation between the **Input**, **Output**, and **Power supply**. This protects sensitive control equipment from high-voltage surges, ground loops, and electrical noise common in industrial environments. #### B. Signal Conversion It acts as a transducer. For example, it can take a voltage signal from a sensor (0–5V) and convert it into a robust current loop signal (4–20mA) that can travel long distances without signal degradation. #### C. Signal Splitting (Dual Output) Because of the "W" designation, this unit acts as a **Signal Splitter**. It takes one input signal and provides two identical, isolated output signals. This allows one signal to go to a local display and the other to a central PLC simultaneously. --- ### 3. Connection Diagram (General) Typical wiring for this type of module involves the following terminal blocks: ```text [ Power Supply ] --- [ L / N / GND ] [ Input Signal ] --- [ + / - ] From Sensor/Source [ Output 1 ] --- [ + / - ] To PLC/Controller [ Output 2 ] --- [ + / - ] To Indicator/Recorder ``` --- ### 4. Technical Hardware Features * **DIN Rail Mounting:** Designed for standard 35mm industrial rails. * **Front Adjustments:** Usually contains "Zero" and "Span" potentiometers for fine-tuning the calibration. * **Response Time:** The "R" variant often indicates a fast response time (e.g., ≤ 25 msec), making it suitable for high-speed process monitoring.
    ✨ Follow-up Questions
    • ⤷ What are the specific input range options for the M2VF series?
    • ⤷ How do I calibrate the Zero and Span on this signal conditioner?
    • ⤷ What is the maximum load resistance for the 4-20mA output?