전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF-01Z-R/N

  • AI
    The **M2VF-01Z-R/N** is a specific model of an **Electronic Transducer/Transmitter**, typically manufactured by companies like **M-System**. It is designed to convert AC voltage signals into a standard DC output for industrial control and monitoring. --- ### 1. Component Overview The M2VF series consists of "Mini-M" plug-in signal conditioners. These are used to interface high-voltage AC inputs (from power lines or potential transformers) with low-voltage PLC or DCS analog input cards. ### 2. Technical Specifications Below are the primary electronic characteristics of the M2VF-01Z-R/N: | Parameter | Specification | |:---|:---| | **Input Signal** | AC Voltage (typically 0–110V or 0–220V AC) | | **Output Signal** | DC Current or Voltage (Standard 4–20mA, 0–10V, etc.) | | **Power Supply (R)** | 24V DC | | **Accuracy** | ±0.3% to ±0.4% | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN rail or Surface mount | --- ### 3. Key Electronic Functions * **True RMS Conversion:** The internal circuitry processes the AC waveform to calculate the "Root Mean Square" value, ensuring accurate measurement even if the AC wave is distorted. * **Galvanic Isolation:** The device uses transformer or optoisolator coupling to separate the high-voltage input side from the sensitive DC control side, protecting equipment from surges. * **Signal Conditioning:** It filters out electronic noise and scales the input proportionally to the desired DC range. ### 4. Part Number Breakdown The suffixing in the model code indicates specific hardware configurations: * **M2VF:** Series name (AC Voltage Transmitter). * **01Z:** Specific input/output range configuration (Often 0–110V AC input). * **R:** Power input code (24V DC). * **N:** Output specification (Usually indicates a specific DC voltage or current output type). --- ### 5. Wiring Diagram Concept ```mermaid graph LR A[AC Voltage Source] -->|Input| B(M2VF-01Z-R/N) C[24V DC Supply] -->|Power| B B -->|4-20mA / 0-10V| D[PLC/Controller] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the M2VF-01Z?
    • ⤷ Can this transducer handle non-sinusoidal AC waves?
    • ⤷ What is the maximum allowable input voltage for the 01Z variant?