전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF-4FW-R

  • AI
    The **M2VF-4FW-R** is a specific model of an **Ultra-Slim Signal Conditioner (Isolator)** manufactured by **M-System** (now part of MG CO., LTD). It is designed to convert a DC input signal into a standard DC output signal while providing galvanic isolation between the input, output, and power supply. --- ### 1. Part Number Breakdown The model number follows a specific nomenclature used by M-System: | Component | Code | Description | | :--- | :--- | :--- | | **Series** | **M2VF** | Ultra-slim (5.9 mm width) signal conditioner | | **Input Signal** | **4** | 4 to 20 mA DC | | **Output Signal** | **FW** | 0 to 10 V DC (High impedance/Wide range) | | **Power Input** | **R** | 24V DC | --- ### 2. Technical Specifications Below are the core electronic characteristics of the M2VF-4FW-R: | Feature | Specification | | :--- | :--- | | **Input Resistance** | 250 $\Omega$ (Standard for 4-20mA loops) | | **Output Load Resistance** | 10 k$\Omega$ minimum | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 25 ms (0 to 90%) | | **Isolation** | 3-way (Input to Output to Power) | | **Dielectric Strength** | 2000V AC @ 1 minute | | **Mounting** | DIN Rail (35mm) | --- ### 3. Key Electronic Functions #### A. Galvanic Isolation The device utilizes optical or magnetic isolation to break ground loops. This prevents electrical noise from the field (input) from damaging sensitive PLC/DCS control cards (output). #### B. Signal Conversion It acts as a **Current-to-Voltage converter**. It takes a current-driven signal (less susceptible to noise over long distances) and converts it into a voltage signal (0-10V) typically required by analog-to-digital converters in industrial controllers. #### C. Active Filtering The internal circuitry includes low-pass filtering to smooth out high-frequency interference or "chatter" on the input line, ensuring a stable DC output. #### D. Power Efficiency Designed with a "Green" power profile, it consumes approximately **0.6W to 0.7W**, allowing for high-density mounting on a DIN rail without excessive heat buildup. --- ### 4. Typical Wiring Diagram (Conceptual) ```text [ FIELD SIDE ] [ M2VF MODULE ] [ CONTROLLER ] +------------+ +-------------+ +------------+ | 4-20mA (+) |------------> | Terminal 1 | |----> | 0-10V (+) | | Sensor | | | | | PLC Input | | 4-20mA (-) |------------> | Terminal 2 | |----> | Common (-) | +------------+ +-------------+ +------------+ ^ [ 24V DC POWER ] ```
    ✨ Follow-up Questions
    • ⤷ What are the benefits of the 5.9mm ultra-slim housing for cabinet design?
    • ⤷ How do I troubleshoot an 'out of range' output signal on this device?
    • ⤷ Does the M2VF series support HART protocol pass-through?