전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF-4W1-R2

  • AI
    The **M2VF-4W1-R2** is a high-performance **V/I Converter (Voltage-to-Current Isolation Transmitter)** manufactured by **M-System**. It is part of the M2 series, designed to convert a DC voltage input signal into a standard DC current output signal while providing galvanic isolation. --- ### 1. Technical Specifications The model code `M2VF-4W1-R2` breaks down into specific electronic characteristics: | Code Segment | Description | Specific Detail | |:---|:---|:---| | **M2VF** | Model Series | Voltage/Current Isolation Transmitter | | **4** | Input Signal | 0 – 10V DC | | **W1** | Output Signal | 4 – 20mA DC | | **R** | Power Input | 24V DC | | **2** | Configuration | Standard / High-accuracy | ### 2. Key Electronic Components & Features The internal circuitry of the M2VF-4W1-R2 is designed for industrial-grade signal conditioning: * **Isolation Transformer:** Provides 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges. * **Zero/Span Adjustments:** Located on the front panel. These are multi-turn potentiometers used to calibrate the minimum (4mA) and maximum (20mA) points. * **Operational Amplifiers (Op-Amps):** High-precision, low-drift amplifiers ensure that the 0-10V input is linearly converted to the current output with minimal thermal error. * **LED Indicator:** A power LED on the front indicates the status of the internal 24V DC supply. ### 3. Electrical Connection Diagram The device uses a plug-in socket base (usually 8-pin or 11-pin depending on the base model). ```markdown Terminal Connection (Typical): 1. Input (+) [0-10V] 2. Input (-) 3. Output (+) [4-20mA] 4. Output (-) 5. Power (+) [24V DC] 6. Power (-) ``` ### 4. Performance Parameters * **Accuracy:** ±0.1% of span. * **Response Time:** ≤ 0.5 seconds (0 – 90%). * **Insulation Resistance:** 100 MΩ minimum with 500V DC. * **Dielectric Strength:** 2000V AC @ 1 minute (Input to output to power to ground). * **Load Resistance:** Up to 750 Ω for the 4-20mA output. --- ### 5. Application Usage This part is typically used in industrial automation to: 1. **Bridge Incompatible Hardware:** Connect a sensor with a 0-10V output to a controller that only accepts 4-20mA. 2. **Signal Boosting:** Convert voltage signals (which drop over long distances) into current signals (which are resistant to line resistance/noise) for long-distance transmission. 3. **Electrical Safety:** Isolate field devices from the control room to prevent equipment damage during electrical faults.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span on the M2VF-4W1-R2?
    • ⤷ What is the maximum allowable load resistance for the 4-20mA output?
    • ⤷ Can this module be mounted on a standard DIN rail?