전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF-4W4W-R

  • AI
    The **M2VF-4W4W-R** is a specific model within the **M2VF Series** of plug-in signal conditioners manufactured by **M-System**. It is designed as a signal isolator and transmitter that provides two independent outputs from a single input. --- ### 1. Key Technical Specifications The model code `M2VF-4W4W-R` breaks down into specific electronic characteristics: | Code Segment | Description | Detail | | :--- | :--- | :--- | | **M2VF** | Series Name | Ultra-slim Signal Conditioner (Plug-in type) | | **4W** | Input Signal | 0 – 10V DC | | **4W** | Output 1 & 2 | 0 – 10V DC (Dual independent outputs) | | **R** | Power Input | 24V DC | ### 2. Electronic Components & Functionality This device acts as a high-precision interface between field sensors and control systems (like PLCs or DCS). * **Isolation (3-Port):** The unit provides electronic isolation between the **Input**, **Output**, and **Power** terminals. This prevents ground loops and protects sensitive equipment from surges. * **Dual Output:** It splits one 0-10V input into two isolated 0-10V outputs. This is electronically useful for sending one signal to a local display and the other to a central controller simultaneously. * **Signal Conversion:** It utilizes operational amplifiers and galvanic isolation (typically via optoisolators or magnetic coupling) to maintain signal integrity with an accuracy of ±0.1%. * **Zero/Span Adjustments:** The front panel contains potentiometers (variable resistors) to fine-tune the minimum (zero) and maximum (span) voltage levels. ### 3. Connection Diagram (General) The electronic wiring is typically structured as follows: | Terminal | Function | Description | | :--- | :--- | :--- | | **1 / 2** | Output 1 | 0-10V DC | | **3 / 4** | Output 2 | 0-10V DC | | **5 / 6** | Input | 0-10V DC | | **7 / 8** | Power Supply | 24V DC (Polarity sensitive) | --- ### 4. Applications * **Signal Splitting:** Duplicating a voltage signal without loading down the source circuit. * **Noise Reduction:** Filtering electronic noise from long-distance analog cables. * **Impedance Matching:** Providing high input impedance to ensure the source sensor is not burdened.
    ✨ Follow-up Questions
    • ⤷What is the maximum load resistance supported by the 0-10V outputs?
    • ⤷ Does this model support DIN rail mounting?
    • ⤷ Can the input be changed to 4-20mA via internal jumpers?