전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF-4WA-R

  • AI
    The **M2VF-4WA-R** is a high-performance **Signal Conditioner** (specifically a signal isolator/converter) manufactured by **M-System**. It is part of the Mini-M series, designed to convert a DC input signal into two isolated DC output signals. --- ### 1. Key Technical Specifications The model number **M2VF-4WA-R** can be decoded as follows: * **M2VF**: Model series (Signal Conditioner with dual isolated outputs). * **4**: Input type (0 – 10V DC). * **W**: Output 1 & 2 (4 – 20mA DC). * **A**: Power Input (100 – 240V AC). * **R**: Special high-speed or standard variations (often denotes DC power or specific environmental ratings depending on sub-series, but in this context, it usually relates to the power/response profile). | Parameter | Specification | | :--- | :--- | | **Input Signal** | 0 – 10V DC | | **Output 1** | 4 – 20mA DC | | **Output 2** | 4 – 20mA DC | | **Power Supply** | 100 – 240V AC (Standard Range) | | **Isolation** | Input to output 1 to output 2 to power | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Mounting** | DIN Rail | --- ### 2. Electronic Components & Internal Architecture The unit functions through four primary stages to ensure signal integrity and safety in industrial environments: 1. **Input Conditioning Stage**: * Uses high-precision resistors and operational amplifiers to scale the 0-10V input. * Includes surge protection to prevent damage from voltage spikes. 2. **Galvanic Isolation (The Core)**: * **Optical/Magnetic Couplers**: These components transfer the signal across a physical gap using light or magnetic fields. This ensures that electrical noise or a short circuit on the input side does not destroy the PLC or controller on the output side. * **Isolation Rating**: Usually rated for 2000V AC @1 minute. 3. **Dual Output Driver Stage**: * Since this is a "W" model (dual output), it contains two independent current-loop drivers. * Even if one output loop is broken, the other will continue to function correctly. 4. **Power Supply Unit (PSU)**: * A switching-mode power supply (SMPS) circuit that converts the AC mains into stable DC voltages (typically 15V or 24V) required to run the internal op-amps and isolators. --- ### 3. Application Use-Case This part is commonly used when a single sensor (like a pressure transducer outputting 0-10V) needs to send data to two different locations simultaneously, such as: * **Output 1**: To a Local Display/HMI. * **Output 2**: To a remote PLC or SCADA system.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span on the M2VF series?
    • ⤷ What is the maximum load resistance for the 4-20mA outputs?
    • ⤷ Can this model be used with a 24V DC power supply instead of AC?