전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF-54W-R

  • AI
    The **M2VF-54W-R** is a specific model within the series of **Signal Conditioners** (specifically a Plug-in Signal Transmitter) manufactured by **M-System**. These devices are used in industrial automation to convert, isolate, and transmit electrical signals between field sensors and control systems (like PLCs or DCS). --- ## 1. Technical Specifications Breakdown The alphanumeric code "M2VF-54W-R" identifies the specific electronic configuration and input/output capabilities of the unit. | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Series** | M2VF | Mini-M Series Signal Conditioner (Plug-in) | | **Input Type** | 5 | 0 – 5V DC | | **Output 1** | 4 | 0 – 10V DC | | **Output 2** | W | 4 – 20mA DC (Dual Output version) | | **Power Input** | R | 24V DC | --- ## 2. Key Electronic Components & Functions The device functions as a high-precision analog processor. Its internal circuitry is categorized into three main stages: ### A. Input Stage (Signal Conditioning) * **Voltage Divider/Buffer:** The 0–5V DC input is received through a high-impedance buffer to prevent loading the source sensor. * **Filtering:** Low-pass filters are used to remove high-frequency noise or EMI from the field wiring. ### B. Isolation Barrier (Galvanic Isolation) * **Optical/Transformer Isolation:** This is the most critical part. It separates the input, outputs, and power supply from each other (3-way or 4-way isolation). * **Purpose:** Prevents ground loops, protects sensitive PLC inputs from high-voltage surges, and ensures signal integrity in noisy environments. ### C. Output Stage (Dual Output) * **V/I Conversion:** Since this is a "W" model (dual output), the internal electronics split the signal. * **Output 1 (Voltage):** Uses an operational amplifier to scale the signal to a 0–10V range. * **Output 2 (Current):** Uses a voltage-to-current converter to drive a stable 4–20mA loop, regardless of the load resistance (up to a specific limit, usually 350-500Ω). --- ## 3. Physical & Installation Features * **Plug-in Structure:** The electronic module plugs into a base socket. This allows for "hot-swapping" or replacement without disconnecting the field wiring. * **Potentiometers:** The front panel typically features "Zero" and "Span" adjustments to calibrate the accuracy of the conversion. * **LED Indicator:** A power LED indicates that the 24V DC supply is active and the internal DC-DC converter is functioning. --- ## 4. Summary Table | Parameter | Value | | :--- | :--- | | **Input Impedance** | 1 MΩ minimum | | **Output Load Resistance** | 500 Ω max (Current) / 10k Ω min (Voltage) | | **Isolation** | Input to Output 1 to Output 2 to Power | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 - 90%) |
    ✨ Follow-up Questions
    • ⤷What are the wiring pin assignments for the M2VF base socket?
    • ⤷ How do I calibrate the Zero and Span on this specific model?
    • ⤷ Can this unit be used with a 110V AC power source instead of 24V DC?