전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF-54W-R/N

  • AI
    Based on your inquiry, the **M2VF-54W-R/N** is a specific part number typically associated with **M-System (now MG CO., LTD)**, a leading manufacturer of signal conditioners and industrial automation components. Specifically, this model belongs to the **M2VF series**, which are ultra-slim, plug-in type **Signal Transmitters (Isolators)**. --- ### 1. Technical Specifications Breakdown The suffix codes in the part number determine the specific electronic characteristics of the unit: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Model** | **M2VF** | Variable Signal Transmitter (Plug-in) | | **Input** | **5** | 4 – 20 mA DC | | **Output** | **4W** | 4 – 20 mA DC (Active/Powered) | | **Power Input** | **R** | 24V DC | | **Standards** | **N** | No special standard (Standard version) | --- ### 2. Core Electronic Functions The M2VF-54W-R/N performs three primary electronic functions in an industrial circuit: 1. **Signal Conversion:** It takes a standard current loop (4-20mA) and reproduces it at the output. 2. **Galvanic Isolation:** It provides three-way isolation between the **Input**, **Output**, and **Power supply**. This protects sensitive PLC/DCS cards from ground loops, electrical noise, and high-voltage surges. 3. **Signal Boosting:** By providing a powered output (4W), it ensures the signal can travel long distances to the receiving instrument without losing integrity due to wire resistance. --- ### 3. Hardware Features * **Form Factor:** Ultra-slim design (usually around 5.9mm to 12.5mm wide) to save space on a DIN rail. * **LED Indicators:** Usually features a front-facing power LED to indicate status. * **Zero/Span Adjustments:** Accessible through the front panel for fine-tuning the calibration of the 4-20mA signal. * **Connection:** Uses a plug-in base for easy maintenance without disconnecting wires. --- ### 4. Wiring Diagram Overview | Terminal | Function | | :--- | :--- | | **Input (+ / -)** | Receives the 4-20mA signal from a sensor or transmitter. | | **Output (+ / -)** | Sends the isolated 4-20mA signal to a controller (PLC). | | **Power (U / V)** | Connection for the 24V DC supply. | ---
    ✨ Follow-up Questions
    • ⤷What is the isolation voltage rating for the M2VF series?
    • ⤷ Can this model be used with a 110V AC power supply?
    • ⤷ Does the M2VF-54W-R/N support HART communication protocol?