전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF-5A-R

  • AI
    The **M2VF-5A-R** is a specific model of a **Plug-in Analog Type Signal Conditioner** (often referred to as an Isolator or Signal Converter) manufactured by **M-System**. These devices are critical in industrial automation for converting and isolating electrical signals between field sensors and control systems (PLC/DCS). ### 1. Technical Specifications Breakdown The alphanumeric code "M2VF-5A-R" defines the hardware configuration and electronic capabilities of the unit: | Code Segment | Parameter | Description | | :--- | :--- | :--- | | **M2VF** | Series Model | Mini-M Series Signal Conditioner (Analog Input/Output) | | **5** | Input Signal | 0 – 5V DC | | **A** | Output Signal | 4 – 20mA DC | | **R** | Power Input | 24V DC | --- ### 2. Key Electronic Components & Features The device consists of several internal electronic stages designed for precision and protection: #### A. Isolation Circuitry The "V" in the series often denotes the isolation capability. This part uses **optical or magnetic coupling** to provide 3-way isolation: * **Input to Output:** Prevents ground loops from affecting the PLC. * **Input/Output to Power:** Protects the internal electronics from power surges. #### B. Signal Conversion (V to I) Because the input is Voltage (0-5V) and the output is Current (4-20mA), the internal electronics feature a **Transconductance Amplifier**. It precisely maps the voltage level to a corresponding current level, ensuring the signal can travel long distances over copper wire without voltage drop interference. #### C. Adjustment Potentiometers On the front panel, you will typically find two small electronic trimmers: * **Zero Adjustment:** Fine-tunes the 4mA floor. * **Span Adjustment:** Fine-tunes the 20mA ceiling. --- ### 3. Electrical Connections The M2VF-5A-R uses a **fixed-base plug-in** design. This allows the electronic module to be replaced without disconnecting the field wiring. | Terminal No. | Function | Connection Type | | :--- | :--- | :--- | | **1 & 2** | Output (+) / (-) | 4 – 20mA Loop | | **3 & 4** | Input (+) / (-) | 0 – 5V Source | | **5 & 6** | Power Supply | 24V DC (+ / -) | --- ### 4. Hardware Characteristics * **Response Time:** Usually $\leq$ 0.5 seconds (standard for analog processing). * **Accuracy:** Typically $\pm$0.1% of span. * **Housing Material:** Flame-resistant resin (Black). * **Mounting:** DIN rail or Wall surface.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the 4-20mA output of this model?
    • ⤷ Can this unit be used to convert 1-5V signals
    • ⤷ or is it strictly 0-5V?
    • ⤷ Does the M2VF series require a specific base socket for DIN rail mounting?