전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF-5WFW-R2SLASHN

  • AI
    The part number **M2VF-5WFW-R2SLASHN** appears to be a specific manufacturer configuration, often associated with industrial control components, signal converters, or interface modules (frequently related to brands like **M-System**). Below is a breakdown of the typical electronic characteristics and functions associated with this class of device. --- ### 1. General Specifications These devices are generally used in industrial automation to convert signal types or provide isolation between a sensor and a PLC/DCS. | Feature | Description | | :--- | :--- | | **Component Type** | Signal Conditioner / Isolator | | **Mounting** | DIN Rail or Plug-in Base | | **Response Time** | Typically ≤ 0.5 seconds (standard) | | **Isolation** | Input to Output to Power (3-way isolation) | | **Operating Temp** | -5°C to +55°C (Standard Industrial) | --- ### 2. Part Number Breakdown (Estimated) Based on standard nomenclature for industrial signal converters: * **M2VF:** Series identifier (Mini-M series signal conditioner). * **5W:** Power input specification (Often signifies **100–240V AC** or **24V DC** depending on the specific catalog). * **FW:** Input/Output configuration. "F" usually denotes a frequency or specialized analog input, and "W" often indicates a dual-output or specific voltage range. * **R2:** Power supply code (Commonly **24V DC**). * **SLASHN (/N):** Option code. In many industrial contexts, `/N` indicates a "No-base" option or a specific terminal block requirement. --- ### 3. Electronic Architecture Inside this component, several key electronic stages ensure signal integrity: 1. **Input Stage:** Features high-impedance circuitry to prevent loading the source sensor. It includes surge protection (TVS diodes). 2. **Isolation Barrier:** Uses **Optical Isolators** or **Transformers** to provide 2000V AC isolation. This protects sensitive PLC equipment from high-voltage spikes on the field side. 3. **Conversion Logic:** An Analog-to-Analog or Frequency-to-Analog circuit that linearizes the signal. 4. **Output Stage:** A low-impedance driver capable of pushing 4-20mA or 0-10V signals over long cable runs. --- ### 4. Typical Applications * **Ground Loop Elimination:** Breaking the electrical path between field instruments and the control room to prevent noise. * **Signal Boosting:** Converting a weak sensor voltage into a robust current loop. * **Impedance Matching:** Adapting a high-output-impedance sensor to a low-input-impedance controller. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input signal range (e.g.
    • ⤷ 4-20mA or 0-10V) for this model?
    • ⤷ Does the /N suffix change the physical mounting requirements?
    • ⤷ What are the power consumption ratings for the R2 voltage variant?