M2VF-60-R2/N
AI

The **M2VF-60-R2/N** is a specific model of an **M2 Series Signal Conditioner** (specifically a V-Unit) manufactured by **M-System**. It is used in industrial automation to convert, isolate, and scale analog signals.
---
## 1. Technical Specifications Overview
The model code `M2VF-60-R2/N` can be broken down into its specific electronic configurations:
| Component Code | Description | Details |
| :--- | :--- | :--- |
| **M2VF** | Model Series | Ultra-slim Signal Conditioner (V-Unit) |
| **60** | Input Type | 0 – 10V DC |
| **R** | Output Type | 4 – 20mA DC |
| **2** | Power Supply | 24V DC |
| **N** | Option | No special options (Standard) |
---
## 2. Key Electronic Components & Functions
### A. Signal Conversion (V/I Conversion)
The primary electronic function of this device is to take a **Voltage (0-10V)** input and convert it into a **Current (4-20mA)** output. This is essential for long-distance signal transmission, as current signals are less susceptible to voltage drops and electromagnetic interference (EMI).
### B. Galvanic Isolation (3-Way)
The M2VF provides 3-way isolation between the **Input**, **Output**, and **Power Supply**.
* **Isolation Resistance:** 100 MΩ or more with 500V DC.
* **Dielectric Strength:** 2000V AC @ 1 minute (Input to output to power to ground).
* **Electronic Benefit:** This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges on the field side.
### C. Zero and Span Adjustments
On the front panel, there are multi-turn potentiometers for:
* **Zero Adjustment:** Fine-tunes the 4mA floor.
* **Span Adjustment:** Fine-tunes the 20mA ceiling.
* **Range:** Usually ±5% of the scale.
---
## 3. Circuit Interface Details
### Wiring Terminal Assignments
The unit typically uses a M3.5 screw terminal base.
| Terminal No. | Function | Connection Type |
| :--- | :--- | :--- |
| 1 | Output (+) | 4-20mA |
| 2 | Output (-) | 4-20mA |
| 3 | Power (+) | 24V DC |
| 4 | Power (-) | 24V DC |
| 5 | Input (+) | 0-10V DC |
| 6 | Input (-) | 0-10V DC |
---
## 4. Performance Characteristics
* **Accuracy:** ±0.1% of span.
* **Response Time:** ≤ 0.5 seconds (0 – 90%).
* **Load Resistance:** Up to 550 Ω for the 4-20mA output.
* **Housing:** Flame-resistant resin (Black).
---
- ⤷
How do I calibrate the zero and span settings on the M2VF-60-R2/N?
- ⤷ What is the maximum allowable load resistance for the output signal?
- ⤷ Can this unit be used with a 110V AC power supply?