전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF-6FW-R

  • AI
    The **M2VF-6FW-R** is a specific model of an **Electronic Transducer (Signal Conditioner)** manufactured by **M-System**. Its primary function is to convert a variable frequency input signal into a standard DC output signal (Voltage or Current). Below is a breakdown of its electronic specifications and features. --- ### 1. Model Code Breakdown The model name follows a specific nomenclature that defines its hardware capabilities: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **M2VF** | Series Name | Frequency Transducer (M2-Series) | | **6** | Power Input | 100 – 240V AC | | **FW** | Input Type | Variable Frequency (Dry contact or Voltage pulse) | | **R** | Output Type | 4 – 20mA DC (Current Output) | --- ### 2. Key Electronic Specifications The internal circuitry is designed for high precision and industrial-grade isolation. * **Input Frequency Range:** User-definable, typically ranging from 0 – 0.01 Hz up to 0 – 10 kHz. * **Output Signal:** 4 to 20 mA DC (Load resistance up to 750 $\Omega$). * **Accuracy:** $\pm$0.1% of span. * **Response Time:** Approx. 2 seconds (0 to 90%). * **Isolation:** 3-way isolation (Input to Output to Power). * **Dielectric Strength:** 2000V AC @ 1 minute. --- ### 3. Circuit Components and Design The device consists of several critical stages of electronic processing: #### A. Input Pulse Shaper The input terminal accepts various pulse types (Open collector, Mechanical contact, or Voltage pulses). It includes a **comparator circuit** to square the incoming waves and filter noise. #### B. Frequency-to-Voltage (F/V) Converter The heart of the unit is a microcontroller-based or precision analog F/V converter. It counts the incoming pulses over a specific time window and generates a proportional internal reference voltage. #### C. Isolation Barrier To protect sensitive PLCs or Scada systems from field surges, it uses an **Optical Isolator** or **Transformer Isolation**. This ensures that electrical noise on the input side does not damage the output side. #### D. Output Driver The final stage converts the processed signal into a stable **4-20mA current loop**. It uses an operational amplifier with negative feedback to ensure the current remains constant regardless of the load resistance variations. --- ### 4. Terminal Wiring Diagram (Typical) | Terminal No. | Function | Description | | :--- | :--- | :--- | | **1 - 2** | Power | 100-240V AC Supply | | **3 - 4** | Input | Frequency Pulse (+ / -) | | **5 - 6** | Output | 4-20mA DC Signal | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum input frequency supported by the M2VF series?
    • ⤷ How do you calibrate the zero and span for this transducer?
    • ⤷ What is the difference between the 'FW' and 'A' input codes in M-System transducers?