전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF-A4W-R

  • AI
    The **M2VF-A4W-R** is a specific model within the M2VF series of **compact plug-in signal conditioners** (specifically a V-network isolator or signal transducer) manufactured by **M-System**. --- ## 1. Technical Specifications This device is designed to accept a DC voltage or current input and provide a proportional DC output, ensuring galvanic isolation between the input, output, and power supply. | Parameter | Specification | | :--- | :--- | | **Model Number** | M2VF-A4W-R | | **Input Signal (A)** | 4 – 20 mA DC | | **Output 1 (4)** | 0 – 10 V DC | | **Output 2 (W)** | 4 – 20 mA DC (Dual Output) | | **Power Input (R)** | 24V DC | | **Construction** | Plug-in base socket mount | | **Isolation** | 3-way (Input to Output to Power) | --- ## 2. Key Electronic Components & Internal Functions The M2VF series utilizes several critical electronic sub-systems to ensure precision and safety: ### A. Input Stage * **Precision Shunt Resistor:** For the "A" code (4-20mA), a high-stability resistor converts the current into a small voltage signal. * **Surge Absorber:** Protects the internal circuitry from transient voltage spikes on the input line. ### B. Isolation Barrier * **Optical or Transformer Isolation:** Uses high-speed optocouplers or magnetic transformers to physically separate the input loop from the output loop. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges. ### C. Signal Processing * **Operational Amplifiers (Op-Amps):** Used for zero and span adjustment. These allow the user to calibrate the output to exactly match the input range. * **Filtering:** Low-pass filters are integrated to remove high-frequency noise from the signal path. ### D. Power Supply Unit * **DC/DC Converter:** Since the device is powered by 24V DC (Code R), it contains an internal switching regulator to provide stable internal operating voltages (e.g., ±15V or 5V) for the analog circuitry. --- ## 3. Terminal Connection Diagram (Typical) The unit typically plugs into an 8-pin or 11-pin base. ```text Pin/Terminal | Function ------------------------- 1 & 2 | Input (+) / (-) 4 & 5 | Output 1 (+) / (-) 3 & 6 | Output 2 (+) / (-) 7 & 8 | Power Supply (L+) / (N-) ``` --- ## 4. Operational Summary The **M2VF-A4W-R** serves as a "bridge" in industrial automation. It takes a single 4-20mA process signal and splits/converts it into two separate signals (one 0-10V and one 4-20mA). This allows one signal to go to a local display while the other goes to a control system, without either circuit interfering with the other due to the **3-way isolation**.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span on this specific model?
    • ⤷ What is the maximum load resistance for the 4-20mA output terminal?
    • ⤷ Can this model be mounted on a standard DIN rail?