AI

The **M2VF-AFW-R/UL** is a high-performance **V/F (Voltage-to-Frequency) Converter** manufactured by **M-System**. It is a plug-in signal conditioner designed to convert a DC voltage input signal into a proportional pulse frequency output.
---
### 1. Key Technical Specifications
The device is part of the M2 series, known for its compact design and reliability in industrial automation.
| Feature | Specification |
|:---|:---|
| **Model Type** | V/F Converter (Voltage to Frequency) |
| **Input Signal** | Configurable (0–5V DC, 1–5V DC, 0–10V DC, etc.) |
| **Output Signal** | Pulse (Open collector, Voltage pulse, or Relay contact) |
| **Power Input (R)** | 24V DC |
| **Accuracy** | ±0.1% of span |
| **Certification (UL)** | UL/cUL recognized component |
| **Mounting** | Surface or DIN rail (Plug-in base) |
---
### 2. Functional Description
This electronic component performs three primary stages of signal processing:
1. **Input Conditioning:** The DC input voltage is filtered and scaled via a high-precision operational amplifier circuit.
2. **Conversion Logic:** A specialized integrated circuit (IC) converts the analog voltage level into a square wave or pulse train. The frequency of these pulses is directly proportional to the magnitude of the input voltage.
3. **Isolation:** The unit provides **3-way isolation** (Input to Output to Power). This protects sensitive PLCs or controllers from ground loops and electrical noise.
---
### 3. Electronic Architecture & Components
Inside the M2VF-AFW-R/UL, the following electronic subsystems are utilized:
* **Photo-couplers / Transformers:** Used for galvanic isolation to ensure the input, output, and power circuits do not share a common ground.
* **Zero/Span Adjustments:** Accessible via the front panel, these potentiometers allow for fine-tuning the electronic offset and gain.
* **Status Indicator:** A green LED on the front indicates the power status and operational health.
* **Output Transistor:** For the "Open Collector" output type, a high-speed switching transistor is used to handle the frequency modulation.
---
### 4. Applications
The M2VF-AFW-R/UL is typically used in the following electronic systems:
* **Totalizing:** Converting a flow rate (voltage) into pulses for a counter to calculate total volume.
* **Remote Transmission:** Sending signals over long distances where pulse-frequency is more immune to noise than analog voltage.
* **PLC Integration:** Interfacing analog sensors with digital/high-speed counter inputs on a PLC.
- ⤷
What are the specific frequency ranges available for the output pulse?
- ⤷ How does the 3-way isolation benefit industrial control systems?
- ⤷ What is the wiring configuration for the 24V DC power input?