The question interval is too short. Please try again in a few seconds.
M2VF-AFW-R2/CE
AI
The **M2VF-AFW-R2/CE** is a high-performance **M2-series signal conditioner** (isolator) manufactured by **M-System**. It is specifically designed to convert a standard DC input signal into two isolated DC output signals.
---
### ## Technical Specifications
Below are the primary electronic characteristics of this specific model:
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M2-Series (Mini-M) |
| **Input Signal** | 4 to 20 mA DC |
| **Output 1** | 4 to 20 mA DC |
| **Output 2** | 1 to 5 V DC |
| **Power Input** | 100 to 240V AC |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Mounting** | DIN Rail Mounting |
| **Standards** | CE Marking compliant |
---
### ### Electronic Components & Functionality
#### 1. Input Section
The input receives a 4–20 mA current loop. It typically features a low-impedance shunt resistor to convert the current into a voltage signal for internal processing. It includes surge protection to safeguard the unit from line transients.
#### 2. Isolation Barrier (Galvanic Isolation)
This is the core "electronic part" of the device. It uses **Optical or Magnetic Coupling** to transfer the signal across an isolation barrier.
* **Purpose:** Eliminates ground loops and protects sensitive control systems (like a PLC or DCS) from high-voltage surges on the field side.
* **Isolation Resistance:** Typically 100 MΩ or more with 2000V AC @ 1 minute.
#### 3. Signal Converter & Dual Output
The internal circuitry splits the normalized signal into two independent channels:
* **Channel 1:** Re-transmits the 4-20mA current loop.
* **Channel 2:** Provides a high-impedance 1-5V voltage output.
* **Zero/Span Adjustments:** Accessible via the front panel to calibrate the output offset and gain.
#### 4. Power Supply Unit (AFW Designation)
The "AFW" code indicates a universal AC power transformer and rectification circuit.
* **AC Input:** 85 to 264V AC.
* **Internal Regulation:** Uses a switching regulator to provide stable DC voltages for the internal Op-Amps and isolation circuitry.
---
### ### Wiring Configuration
The device uses a base socket for easy maintenance. Below is the typical terminal logic:
```text
[ Power ] -------- (13) L (Live)
(14) N (Neutral)
[ Input ] -------- (5) + (4-20mA)
(6) -
[ Out 1 ] -------- (1) + (4-20mA)
(2) -
[ Out 2 ] -------- (3) + (1-5V)
(4) -
```
---
✨ Follow-up Questions
⤷What is the response time for the M2VF signal conditioner?
⤷ How do I perform zero and span adjustments on this unit?
⤷ What is the maximum load resistance for the 4-20mA output?