전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF-B1-R

  • AI
    The **M2VF-B1-R** is a specific model of an electronic signal transducer/converter from the **M2 Series** manufactured by **M-System** (now part of MG CO., LTD). It is primarily used in industrial automation to convert variable frequency signals into standard analog DC signals. --- ### 1. Key Technical Specifications The model code `M2VF-B1-R` breaks down into specific hardware configurations: | Component Code | Description | Details | | :--- | :--- | :--- | | **M2VF** | Model Series | Frequency Transmitter (Pulse-to-Analog Converter) | | **B** | Input Type | Open Collector or Voltage Pulse | | **1** | Output Type | 4 – 20 mA DC | | **R** | Power Input | 24V DC | --- ### 2. Electronic Functionality The M2VF-B1-R acts as a bridge between pulse-generating sensors (like flow meters or tachometers) and a PLC or DCS system. #### Input Characteristics * **Signal Types:** It accepts dry contact, open collector, or voltage pulse (square or sine wave). * **Frequency Range:** Field-configurable, typically ranging from 0–0.01 Hz up to 0–10 kHz. * **Pulse Width:** Requires a minimum pulse width (usually around 10 microseconds) to register the signal correctly. #### Output Characteristics * **Current Loop:** Provides a standardized **4–20 mA** signal proportional to the input frequency. * **Load Resistance:** Capable of driving loads up to 550 $\Omega$. #### Isolation & Protection * **Three-Way Isolation:** The device provides electronic isolation between the **Input**, **Output**, and **Power Supply** (typically 2000V AC). This prevents ground loops and protects sensitive PLC equipment from field surges. --- ### 3. Physical & Hardware Features * **Mounting:** Designed for standard DIN rail mounting. * **Adjustments:** Features front-facing Zero and Span adjustments (potentiometers) for fine-tuning the output. * **Connection:** Utilizes a socket-type base, allowing the electronics module to be replaced without disconnecting the field wiring. --- ### 4. Simplified Internal Block Diagram The internal circuitry follows this general signal flow: ```mermaid graph LR A[Pulse Input] --> B[Pulse Shaper] B --> C[F/V Converter] C --> D[Isolation Barrier] D --> E[Current Output 4-20mA] ``` 1. **Pulse Shaper:** Cleans the input signal noise and standardizes the waveform. 2. **F/V Converter:** The core electronic stage that converts Frequency to Voltage. 3. **Isolation:** Optical or magnetic coupling to separate the circuits. 4. **Output Stage:** Converts the internal voltage to a regulated 4-20mA current loop.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the Zero and Span for the M2VF-B1-R?
    • ⤷ What are the specific wiring pinouts for the 24V DC power version?
    • ⤷ Can this model handle high-voltage AC pulse inputs directly?