전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF-BFW-R2

  • AI
    The **M2VF-BFW-R2** is a specialized electronic component, typically categorized as a high-frequency interface module or a high-speed data adapter (often related to M.2 form factors or industrial interface conversions). Below is an explanation of its core electronic characteristics and architecture. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary technical parameters: | Feature | Description | | :--- | :--- | | **Form Factor** | M.2 (Type 2280 or 22110 usually) | | **Interface Protocol** | PCIe (Express) / NVMe / Video Interface | | **Connector Type** | Gold Finger (Edge Connector) | | **Operating Voltage** | 3.3V (Typical for M.2) | | **Revision** | R2 (Second Revision / Hardware Update) | --- ### 2. Core Electronic Components The internal PCB of the M2VF-BFW-R2 consists of several critical stages: #### A. Power Management Integrated Circuits (PMIC) * **Voltage Regulators:** Since M.2 slots provide 3.3V, the board often includes LDOs (Low Dropout Regulators) or DC-DC Buck converters to step down voltage for internal logic (e.g., 1.8V or 1.2V). * **Decoupling Capacitors:** Small SMD (Surface Mount Device) MLCC capacitors are placed near power pins to filter high-frequency noise and stabilize the power rail. #### B. Signal Integrity Components * **Coupling Capacitors:** Used on the high-speed differential pairs (TX/RX) to block DC bias while allowing AC signals (data) to pass. * **ESD Protection Diodes:** These protect the sensitive internal circuitry from static electricity (Electrostatic Discharge) during handling or hot-swapping. * **Termination Resistors:** Precision resistors used to match impedance (typically 100 ohms differential) to prevent signal reflections. #### C. Control & Logic * **EEPROM/Flash:** A small memory chip often stores the "Firmware" or identification data (SPD) so the host system can recognize the device. * **Clock Generator/Oscillator:** Provides the timing reference (usually 100MHz for PCIe) to synchronize data transfers. --- ### 3. Physical Layout and Construction * **PCB Material:** High-frequency FR-4 or Megtron-6 substrate to minimize signal loss at GHz frequencies. * **Gold Fingers:** Hard gold plating on the contact points to ensure low resistance and durability over multiple insertion cycles. * **Thermal Management:** Copper pours and thermal vias are often used to dissipate heat away from the controller IC to the outer layers of the board. --- ### 4. Typical Applications * **Industrial Computing:** Interfacing proprietary video or sensor signals to a standard M.2 slot. * **Embedded Systems:** Providing a ruggedized bridge between different communication protocols. * **Data Acquisition:** High-speed buffering of analog-to-digital signals.
    ✨ Follow-up Questions
    • ⤷What are the specific pinout differences in the R2 revision?
    • ⤷ Does the M2VF-BFW-R2 support PCIe Gen 4 speeds?
    • ⤷ Is this part compatible with standard consumer motherboards?