전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF-C0-R

  • AI
    The **M2VF-C0-R** is a specific model of an **Ultra-Slim Signal Conditioner** (Isolator) manufactured by **M-System**. It is designed to take a variable DC input signal and convert it into a standardized DC output signal while providing galvanic isolation. --- ### 1. Technical Specifications Breakdown The model number **M2VF-C0-R** can be decoded as follows: | Component | Code | Description | | :--- | :--- | :--- | | **Series** | M2V | Ultra-slim signal conditioner (M2 series) | | **Input** | F | Variable range (Voltage/Current) | | **Output** | C0 | 1 – 5V DC (Customizable/Standard Range) | | **Power Input** | R | 24V DC | ### 2. Key Electronic Features #### A. Galvanic Isolation This device provides 3-way isolation between the **input**, **output**, and **power supply**. This is critical in industrial environments to: * Prevent ground loops. * Protect sensitive PLC/DCS equipment from high-voltage surges on the field side. * Reduce noise interference. #### B. Variable Input Range The "F" designation indicates that the input is flexible. It can typically handle: * **DC Voltage:** Range between -30 and +30V DC. * **DC Current:** Range between 0 and 50mA. * The specific span is usually calibrated at the factory or adjustable via internal DIP switches/potentiometers depending on the sub-revision. #### C. Performance Parameters * **Accuracy:** Typically ±0.1% of span. * **Response Time:** Approximately 25 milliseconds (0 to 90%). * **Mounting:** DIN rail mounting (ultra-slim profile, usually around 5.9mm to 12.5mm wide). --- ### 3. Connection Diagram (General Layout) The device typically utilizes a terminal block configuration: ```text [ Power Supply ] --- (24V DC) --- [ Terminals 7(+) & 8(-) ] [ Input Signal ] --- (From Field) --- [ Terminals 5(+) & 6(-) ] [ Output Signal] --- (To PLC/DCS) --- [ Terminals 1(+) & 2(-) ] ``` --- ### 4. Typical Applications 1. **Level Measurement:** Taking a non-standard sensor voltage and converting it to a 1-5V signal for a controller. 2. **Signal Boosting:** Strengthening a weak DC signal over a long cable run. 3. **Impedance Matching:** Connecting a high-impedance sensor to a low-impedance load.
    ✨ Follow-up Questions
    • ⤷ What is the maximum isolation voltage for the M2VF series?
    • ⤷ Can the output range be changed from 1-5V to 4-20mA on this specific model?
    • ⤷ How do I calibrate the zero and span settings on the M2VF-C0-R?