전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF2-31-R/Q

  • AI
    The **M2VF2-31-R/Q** is a high-precision, industrial-grade **Signal Conditioner/Isolator** manufactured by **M-System**. It is part of the "Mini-M" series, designed for space-saving signal conversion and galvanic isolation in control panels. --- ### 1. Part Number Breakdown The suffix codes determine the specific electronic characteristics of the unit: | Code Segment | Description | Specific Value | | :--- | :--- | :--- | | **M2VF2** | Model Series | Variable Frequency Output Signal Conditioner | | **31** | Input / Output | Input: 0 – 10V DC / Output: Pulse (Open Collector) | | **R** | Power Input | 24V DC | | **Q** | Options | Specific functional or certification options (often "Quality" or "Quick") | --- ### 2. Key Electronic Components & Functions The device operates using several internal stages to ensure signal integrity: #### A. Input Stage (Voltage Sensing) * **High Impedance Buffer:** Receives the 0–10V DC signal without loading the source circuit. * **Filtering:** Includes low-pass filters to remove high-frequency noise from the analog input. #### B. Conversion Stage (Voltage to Frequency) * **V/F Converter IC:** This is the core electronic component. It converts the magnitude of the analog DC voltage into a proportional frequency (pulse train). * **Linearity Calibration:** Precision resistors and trimmers allow for zero and span adjustment to ensure the output frequency accurately reflects the input voltage. #### C. Isolation Stage (Galvanic Barrier) * **Photocouplers/Opto-isolators:** This provides electrical separation between the input, output, and power supply. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges. #### D. Output Stage (Pulse Generation) * **Open Collector Transistor:** The output is typically an NPN transistor. It acts as a switch that opens and closes at the calculated frequency. * **Protection:** Includes diodes to protect against reverse polarity and transient voltage spikes. --- ### 3. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Signal** | 0 – 10V DC | | **Output Type** | Open Collector (Pulse) | | **Isolation** | 3-way (Input to Output to Power) | | **Isolation Resistance** | 100 MΩ minimum at 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Mounting** | DIN Rail | --- ### 4. Typical Applications 1. **Interfacing with PLCs:** Converting an analog sensor signal into a high-speed counter input on a PLC. 2. **Telemetry:** Sending analog data over long distances via pulse frequency to minimize signal degradation. 3. **Totalizing:** Connecting a voltage-producing flow meter to a pulse-driven totalizer/counter.
    ✨ Follow-up Questions
    • ⤷ How do I wire the Open Collector output to a PLC high-speed counter?
    • ⤷ What is the maximum frequency range for the M2VF2-31 output?
    • ⤷ How does 3-way isolation differ from 2-way isolation in this module?