M2VF2-34W-R
AI

The **M2VF2-34W-R** is a specific part number typically associated with **M2 Series Vertical/Surface Mount Board-to-Board Connectors**, often manufactured by companies like Harwin or similar high-reliability connector specialists.
Below is a breakdown of the electronic and mechanical characteristics of this component.
---
### 1. General Specifications
This part is a high-density, miniature interconnect solution designed for PCB (Printed Circuit Board) applications.
| Feature | Specification |
| :--- | :--- |
| **Part Type** | Female Vertical Surface Mount Connector |
| **Number of Contacts** | 34 Pins (Rows x Pins per row) |
| **Pitch** | 2.00mm (Standard for M2 series) |
| **Mounting Orientation** | Vertical (Straight) |
| **Termination Method** | SMT (Surface Mount Technology) |
| **Material** | Phosphor Bronze (Contacts), LCP (Insulator) |
---
### 2. Key Electronic Characteristics
The performance of the M2VF2-34W-R is defined by its ability to maintain signal integrity in compact environments.
* **Current Rating:** Typically rated for **2A per contact**, making it suitable for both signal and low-power distribution.
* **Voltage Rating:** Generally up to **500V AC/DC**.
* **Contact Resistance:** Low initial resistance (approx. **20mΩ max**) to ensure minimal voltage drop.
* **Insulation Resistance:** High dielectric performance, usually exceeding **1000MΩ**.
* **Operating Temperature:** Robust range from **-40°C to +105°C**, allowing for use in industrial environments.
---
### 3. Mechanical & Design Features
The suffix codes (like `-R`) often denote specific packaging or design variations.
* **Tape and Reel (-R):** The "R" usually indicates that the parts are supplied in **Tape and Reel** packaging, designed for automated pick-and-place assembly machines.
* **Dual Row Layout:** The 34-pin configuration is typically organized in two parallel rows of 17 pins each.
* **Shrouded Design:** Often includes a plastic housing (shroud) to prevent accidental damage to the pins and to ensure correct polarization when mating with the male header.
* **Polarization:** Features a "keying" mechanism to ensure the connector cannot be plugged in backwards.
---
### 4. Common Applications
Due to its 2.00mm pitch and surface mount design, this part is found in:
1. **Industrial Controls:** Connecting logic boards to sensor interface boards.
2. **Embedded Systems:** Linkages between SOMs (System on Modules) and carrier boards.
3. **Telecommunications:** High-density backplane connections.
4. **Medical Devices:** Compact PCB stacking where space is a premium.
---
- ⤷
What is the mating male part number for the M2VF2-34W-R?
- ⤷ Are there specific soldering temperature profiles recommended for this SMT connector?
- ⤷ How does the 2.00mm pitch compare to 2.54mm headers in terms of current capacity?