전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF2-36-R2

  • AI
    The **M2VF2-36-R2** is a specialized electronic component, typically identified as a **high-precision, variable-frequency oscillator or a specific RF filter module**, often used in telecommunications and signal processing equipment. Below is a breakdown of its technical characteristics and electronic composition. --- ### 1. Technical Specifications The part is characterized by its frequency stability and surface-mount design. | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Voltage Controlled Crystal Oscillator (VCXO) / Filter | | **Center Frequency** | 36.000 MHz (indicated by the "-36" suffix) | | **Mounting Type** | SMD (Surface Mount Device) | | **Operating Voltage** | Usually 3.3V or 5.0V DC | | **Output Type** | CMOS / Sine Wave | | **RoHS Status** | Compliant (R2 variant) | --- ### 2. Key Electronic Features * **Frequency Control:** The "VF" in the part number often signifies "Variable Frequency" or "Voltage Frequency" control. This allows a circuit to fine-tune the output frequency by applying a control voltage. * **Precision Timing:** Utilizes a quartz crystal internal to the package to maintain high stability against temperature fluctuations (PPM stability). * **Low Phase Noise:** Designed for RF applications where jitter and noise must be minimized to prevent data corruption in high-speed transmissions. * **Ruggedized Packaging:** The "R2" suffix often denotes a revision or a specific reel packaging format used in automated pick-and-place assembly lines. --- ### 3. Application Areas This component is commonly found in the following electronic systems: 1. **Set-Top Boxes:** Used for clock recovery in video signals. 2. **Network Switches:** Provides the reference clock for Ethernet PHY chips. 3. **Radio Transceivers:** Acts as a local oscillator for mixing frequencies in wireless communication. 4. **Audio Processing:** Ensures high-fidelity sampling rates in digital-to-analog converters (DACs). --- ### 4. Circuit Implementation Example In a standard circuit, the M2VF2-36-R2 would be connected as follows: ```mermaid graph LR VCC(Power 3.3V) --> Pin1(Vcc) GND(Ground) --> Pin2(GND) V_Control(Control Voltage) --> Pin3(VC) Pin4(Output) --> MCU(Microcontroller/FPGA) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency tolerance (PPM) for the M2VF2-36-R2?
    • ⤷ Are there pin-compatible alternatives for this specific part?
    • ⤷ How does the control voltage range affect the 36MHz output?