전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF2-41-R

  • AI
    The **M2VF2-41-R** is a high-performance, industrial-grade **Signal Conditioner** (specifically a Signal Isolator) manufactured by **M-System**. It is designed to take a variable frequency input and convert it into a standard analog instrumentation signal. --- ### 1. Core Technical Specifications The device acts as an interface between frequency-generating sensors (like flow meters or tachometers) and a PLC/DCS system. | Parameter | Specification | | :--- | :--- | | **Primary Function** | Frequency to Analog Conversion (V/I) | | **Input Type** | Dry contact, Open collector, or Voltage pulse | | **Input Frequency Range** | 0 – 10 Hz up to 0 – 10 kHz | | **Output Type** | DC Current or Voltage (Standard: 4–20mA, 1–5V, etc.) | | **Isolation** | 3-way (Input - Output - Power) | | **Power Input** | 24V DC (indicated by the 'R' suffix) | | **Mounting** | DIN Rail / Surface mount | --- ### 2. Key Electronic Features The M2VF2 series utilizes several critical electronic sub-circuits to ensure signal integrity in noisy industrial environments: * **Pulse Shaper:** The input stage contains a pulse-shaping circuit that handles irregular waveforms (square, sine, or sawtooth) and converts them into uniform pulses for processing. * **Galvanic Isolation:** It uses optical or magnetic coupling to ensure there is no electrical path between the high-speed input pulses and the analog output, preventing ground loops. * **Low-Pass Filtering:** The output stage includes active filters to remove ripple components, ensuring a smooth DC signal even at low input frequencies. * **Threshold Adjustment:** It typically features a user-adjustable noise filter or sensitivity threshold to prevent "false counts" from electromagnetic interference (EMI). --- ### 3. Model Code Breakdown: M2VF2-41-R Understanding the nomenclature helps identify the exact electronic configuration: * **M2VF2:** Model series (Mini-M series Frequency to DC Transmitter). * **4:** Input code (Voltage pulse / Open collector). * **1:** Output code (4 – 20 mA DC). * **R:** Power input (24V DC). --- ### 4. Wiring Diagram Representation The following is a simplified logic of the terminal connections: ```text [ FIELD SIDE ] [ CONTROLLER SIDE ] Freq. Sensor (+) ---- [Terminal 1] Freq. Sensor (-) ---- [Terminal 2] [Terminal 4] ---- Output (+) 4-20mA [Terminal 5] ---- Output (-) 4-20mA [ POWER SUPPLY ] +24V DC ---- [Terminal 7] 0V DC ---- [Terminal 8] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency limit for the M2VF2-41-R?
    • ⤷ How do you calibrate the Zero and Span on this signal conditioner?
    • ⤷ Can this unit handle a dry contact input without an external power source?