전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF2-44-R/N

  • AI
    The **M2VF2-44-R/N** is a specialized electronic component, typically categorized as a **VHF/UHF Power Divider (Splitter/Combiner)**. These devices are essential in RF (Radio Frequency) engineering for distributing power among multiple antennas or combining signals from different sources. --- ## 1. Core Technical Specifications The model number typically dictates the frequency range and physical configuration. Below is a breakdown of the technical attributes for this class of device: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | 2-Way Power Divider / Combiner | | **Frequency Range** | VHF/UHF (Commonly 400 - 470 MHz) | | **Impedance** | 50 Ohms (Standard) | | **Connector Type** | N-Female (indicated by the "/N" suffix) | | **Power Rating** | High Power (often 250W - 500W+ CW) | | **Insertion Loss** | < 0.2 dB | | **VSWR** | < 1.15:1 | --- ## 2. Key Electronic Characteristics ### A. Power Splitting and Combining * **As a Splitter:** It takes one input signal and divides it into two equal-phase, equal-power outputs. * **As a Combiner:** It takes two coherent signals and merges them into a single output port. ### B. Phase Matching This component is designed to maintain a **0° phase shift** between ports. In antenna arrays, ensuring that both antennas receive the signal at the exact same time is critical for maintaining the intended radiation pattern. ### C. Impedance Transformation The internal structure utilizes a **Quarter-Wave Transformer** layout. Because connecting two 50-ohm lines in parallel results in a 25% ohm load, the internal coaxial geometry is machined to specific dimensions to transform that impedance back to a stable 50 ohms for the transmitter. --- ## 3. Physical Construction * **Housing:** Typically constructed from high-grade aluminum or copper tubing (often silver-plated internally) to minimize skin effect losses. * **Sealing:** The "R" in some naming conventions refers to "Ruggedized" or weather-resistant coating, making it suitable for mounting on outdoor towers. * **Connectors:** The **N-Type** connectors are chosen for their ability to handle high power and provide a weatherproof, threaded connection. --- ## 4. Typical Applications 1. **Antenna Phasing:** Used to feed two separate Yagi antennas to increase gain (stacking). 2. **Repeater Systems:** Distributing a single repeater output to multiple coverage sectors. 3. **Broadcasting:** Combining multiple low-power amplifiers into a single high-power feed line.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling capacity of the M2VF2-44-R/N?
    • ⤷ How does the insertion loss of this divider affect the overall signal strength?
    • ⤷ Can this component be used for frequencies outside the 400-470 MHz range?