전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF2-44-R/UL

  • AI
    ## Technical Overview: M2VF2-44-R/UL The **M2VF2-44-R/UL** is a high-performance, solid-state modular signal conditioner/transmitter, typically manufactured by companies like **M-System**. It is designed to convert standard process signals into isolated DC outputs for use in industrial automation and control systems. --- ### 1. Key Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Model Series** | M2VF (Super-mini Signal Conditioners) | | **Function** | Signal Isolator / Multi-signal Transmitter | | **Power Input** | 100 – 240V AC (Standard UL rating) | | **Input Signal** | 4 – 20 mA DC | | **Output Signal** | 4 – 20 mA DC | | **Isolation** | 3-way isolation (input to output to power) | | **Mounting** | DIN Rail Mounting | | **Safety Certification** | UL Listed (UL 61010-1) | --- ### 2. Core Electronic Components and Functions The internal architecture of this device consists of several critical electronic stages: 1. **Input Conditioning Circuit:** * Features a low-impedance shunt resistor to convert the 4-20mA current loop into a voltage signal. * Includes surge protection components (Zener diodes/TVS) to protect against spikes. 2. **Galvanic Isolation Transformer/Optocoupler:** * This is the "core" of the device. It provides 2000V AC isolation between the input, output, and power supply. This prevents ground loops and protects sensitive PLC/DCS equipment. 3. **Signal Conversion (Amplifier Stage):** * Uses high-precision operational amplifiers (Op-Amps) to ensure linearity and minimize signal drift over temperature changes. 4. **Power Supply Module:** * A built-in switching power supply (SMPS) that handles the AC input and converts it to regulated DC voltages for the internal electronics. 5. **Output Driver:** * A constant current source circuit that ensures the output signal remains stable regardless of the load resistance (up to a specific limit, usually 550 ohms). --- ### 3. Application Benefits * **Noise Suppression:** By providing 3-way isolation, it eliminates common-mode noise that often plagues long-distance sensor wires. * **Safety (UL Rating):** The `/UL` suffix indicates the part meets rigorous North American safety standards for fire and electrical shock prevention in industrial environments. * **Space Efficiency:** Part of the "Super-mini" series, allowing for high-density installation on crowded DIN rails. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the output of the M2VF2-44-R/UL?
    • ⤷ How does 3-way isolation differ from 2-way isolation in signal conditioners?
    • ⤷ What are the common troubleshooting steps if the output signal remains at 0mA?