전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF2-46-R2

  • AI
    The **M2VF2-46-R2** is a high-performance **VGA/Video over Fiber Optic Transmitter**. It is primarily used in professional AV environments to transmit high-resolution VGA signals and stereo audio over long distances using fiber optic cabling, which avoids the limitations of traditional copper cables. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Interface** | 1 x VGA (HD-15), 1 x 3.5mm Stereo Audio | | **Fiber Type** | Single-mode or Multi-mode (Model dependent) | | **Max Resolution** | Up to 1920 x 1200 @ 60Hz (WUXGA) | | **Bandwidth** | 300 MHz - 500 MHz | | **Connector Type** | LC or ST Fiber Connectors | | **Operating Voltage** | 5V DC (External Power Supply) | --- ### 2. Electronic Component Breakdown The device consists of several critical stages to convert an analog electrical signal into an optical signal: #### A. Analog Front-End (AFE) * **VGA Input Stage:** High-impedance buffers and operational amplifiers capture the Red, Green, and Blue (RGB) signals. * **Sync Processing:** Discrete circuitry separates and stabilizes the Horizontal (H-Sync) and Vertical (V-Sync) signals to ensure timing accuracy across the fiber link. #### B. Analog-to-Digital Conversion (ADC) * The analog RGB signals are sampled at high speeds. High-resolution ADCs convert the analog voltages into a digital stream to minimize signal degradation (EMI/RFI interference) during transmission. #### C. Audio Multiplexing * The 3.5mm stereo audio is digitized and multiplexed into the main data stream. This allows a single fiber strand to carry both video and high-fidelity audio simultaneously. #### D. Electro-Optical Engine (The Transmitter) * **Laser Diode/LED:** The heart of the unit. It converts the electrical bitstream into pulses of light. * **Driver IC:** A high-speed laser driver regulates the current to the optical source to ensure a consistent "Optical Launch Power," preventing signal clipping. --- ### 3. Application Benefits 1. **Galvanic Isolation:** Because the signal is light-based, there is no electrical path between the source and display, eliminating ground loops. 2. **EMI Immunity:** Ideal for industrial environments or medical facilities (MRI rooms) where high electromagnetic interference would ruin a standard VGA signal. 3. **Distance:** Capable of transmitting signals from 500 meters (Multi-mode) up to 20 kilometers (Single-mode) without loss of clarity. ---
    ✨ Follow-up Questions
    • ⤷ Does the M2VF2-46-R2 support HDCP encryption for protected content?
    • ⤷ What is the recommended fiber optic cable type for maximum distance with this unit?
    • ⤷ Is there a specific receiver model required to work with the M2VF2-46-R2?