전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF2-4W4-R

  • AI
    The **M2VF2-4W4-R** is a high-performance, industrial-grade DC/DC converter module typically used in power management systems. It is part of a series known for high isolation and wide input ranges. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the M2VF2-4W4-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Isolated DC/DC Converter | | **Power Rating** | 4 Watts | | **Input Voltage Range** | 4:1 Ultra-wide (Typically 9V - 36V or 18V - 75V) | | **Output Configuration** | Dual Output (indicated by the "2") | | **Isolation Voltage** | 1500V DC - 3000V DC (Standard for the series) | | **Package Style** | DIP (Dual In-line Package) or SIP | --- ### 2. Functional Electronic Parts The internal circuitry of this module consists of several critical sub-systems: 1. **Input Filter:** Consists of capacitors and inductors (Pi-filter) to minimize electromagnetic interference (EMI) and reflected ripple current back to the source. 2. **Switching Controller:** A high-frequency PWM (Pulse Width Modulation) controller that drives the internal MOSFETs to convert DC to high-frequency AC. 3. **Isolation Transformer:** Provides the physical galvanic isolation between the input and output circuits, ensuring safety and noise decoupling. 4. **Rectification & Smoothing:** Uses high-speed Schottky diodes and low-ESR (Equivalent Series Resistance) capacitors to convert the AC signal back to a stable DC output. 5. **Feedback Loop:** An optoisolator-based feedback system that monitors the output voltage and adjusts the PWM duty cycle to maintain regulation regardless of load changes. --- ### 3. Part Number Breakdown (Nomenclature) Understanding the alphanumeric code helps identify the specific electronic limitations: * **M2V:** Series identifier (Compact high-isolation series). * **F2:** Denotes the dual-output configuration (e.g., ±12V or ±15V). * **4W:** Represents the **4 Watt** power capacity. * **4:** Refers to the **4:1** input voltage ratio. * **R:** Indicates **Regulated** output and/or RoHS compliance. --- ### 4. Common Applications Due to its isolation and wide input range, this part is commonly found in: * **Industrial Automation:** Powering sensors and PLC modules. * **Telecommunications:** Handling voltage fluctuations in networking gear. * **Data Acquisition:** Providing clean, isolated power to sensitive Analog-to-Digital Converters (ADCs).
    ✨ Follow-up Questions
    • ⤷ What are the specific output voltage levels for the F2 configuration?
    • ⤷ Does this module require external heat sinking for full 4W operation?
    • ⤷ What is the typical efficiency percentage of the M2V series?