전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF2-4W4W-R2

  • AI
    Based on the product code structure, the **M2VF2-4W4W-R2** is a specialized high-performance industrial controller or signal converter, typically associated with **M-System (now MG CO., LTD)** or similar industrial automation manufacturers. It is part of the M2 series of plug-in signal conditioners. --- ### 1. Component Overview This device is designed to take an analog input signal and provide two independent, isolated analog outputs. It is commonly used in industrial environments to split a signal (e.g., from a sensor) to both a local display and a remote PLC. ### 2. Technical Specifications Breakdown | Feature | Specification | Description | |:---|:---|:---| | **Model Series** | M2VF2 | Ultra-slim Signal Splitter (V-Unit series) | | **Input (4W)** | 4 – 20 mA DC | Standard industrial current loop input | | **Output 1 (4W)** | 4 – 20 mA DC | First isolated current output | | **Output 2 (4W)** | 4 – 20 mA DC | Second independent isolated current output | | **Power Supply (R2)** | 11 – 27 V DC | Low voltage DC power requirement | --- ### 3. Key Electronic Characteristics * **Galvanic Isolation:** The unit provides 4-way isolation. This means the **Input**, **Output 1**, **Output 2**, and **Power Supply** are all electrically isolated from one another. This prevents ground loops and protects sensitive equipment from surges. * **Signal Splitting:** It functions as a "one-in, two-out" buffer. Even if Output 1 is disconnected or shorted, Output 2 continues to function accurately. * **Response Time:** Typically features a fast response time (≤ 0.5 seconds) suitable for real-time monitoring. * **Adjustment:** Contains front-accessible Zero and Span adjustments for fine-tuning the output signals. --- ### 4. Wiring Diagram Representation The device usually mounts on a DIN rail using a socket base. ```mermaid graph LR A[Sensor 4-20mA] --> B[M2VF2 Input] B --> C[PLC Channel 1] B --> D[Local Display/Chart Recorder] E[24V DC Power] --> B ``` ### 5. Installation Considerations 1. **Mounting:** Plugs into a specific base (M-System typically uses a 10-pin or 11-pin socket). 2. **Environment:** Designed for operating temperatures between -5°C to +55°C. 3. **Load Resistance:** Ensure the output loop resistance does not exceed the rated capacity (typically 550Ω for 4-20mA outputs).
    ✨ Follow-up Questions
    • ⤷What is the maximum load resistance supported by Output 1?
    • ⤷ How do I calibrate the Zero and Span on this specific model?
    • ⤷ Is there an AC power version available for the M2VF2 series?