전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF2-5W1-R2

  • AI
    The **M2VF2-5W1-R2** is a specific model of an **Ultra-Slim Signal Conditioner (Isolator)** manufactured by **M-System**. It is designed to convert a standard DC input signal into a standard DC output signal while providing galvanic isolation. --- ### 1. General Specifications This device is part of the M2VF2 series, known for its high-density mounting capability and 5.9 mm width. | Feature | Specification | | :--- | :--- | | **Model Number** | M2VF2-5W1-R2 | | **Type** | Signal Conditioner (Input Loop Powered) | | **Input Signal** | 4 to 20 mA DC | | **Output Signal** | 1 to 5 V DC | | **Power Input** | 24 V DC | | **Mounting** | DIN Rail Mounting | | **Housing Material** | Flame-resistant resin (Black) | --- ### 2. Electronic Component Breakdown The internal architecture consists of several critical stages that manage signal integrity and power management: * **Input Stage:** Receives the 4-20 mA current loop. It typically includes a precision shunt resistor to convert the current into a voltage for internal processing. * **Isolation Barrier:** Uses an **Opto-isolator** or **Transformer isolation**. This prevents electrical noise and ground loops from traveling from the field devices (sensors) to the control system (PLC/DCS). * **Signal Conversion (I/V):** Since the output is 1-5 V DC, the device utilizes an operational amplifier (Op-Amp) circuit to scale the signal linearly. * **Power Management:** The "R2" suffix usually indicates a 24V DC power requirement. It includes internal filtering and surge protection to ensure stable operation in industrial environments. --- ### 3. Wiring Configuration The device uses a multi-terminal setup. Below is a general representation of the connection logic: | Terminal | Function | Description | | :--- | :--- | :--- | | **Input (+ / -)** | Current Input | Connects to the 4-20 mA sensor loop. | | **Output (+ / -)** | Voltage Output | Connects to the PLC/Controller (1-5 V). | | **Power (+ / -)** | 24V DC Supply | External power supply to drive the internal electronics. | --- ### 4. Technical Advantages * **Space Saving:** At only 5.9 mm wide, it allows for high-density cabinet layouts. * **High Dielectric Strength:** Usually provides isolation up to 2000V AC between input, output, and power. * **Response Time:** Fast response (typically $\leq$ 0.5 seconds) suitable for most industrial process control loops.
    ✨ Follow-up Questions
    • ⤷What is the difference between the M2VF2-5W1-R2 and the M2VF-4W models?
    • ⤷ How do I troubleshoot a zero-point offset in this signal conditioner?
    • ⤷ What are the environmental temperature limits for this specific module?