전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF2-5WA-R2SLASHN

  • AI
    The part number **M2VF2-5WA-R2/N** typically refers to a high-performance **Miniature Switching Power Supply Module** (often associated with industrial automation and control systems). Below is a breakdown of its electronic components and technical specifications. --- ## 1. Technical Specifications This module is designed for stability and space-saving in industrial environments. | Feature | Specification | | :--- | :--- | | **Input Voltage** | Wide range (typically 85–264V AC or 110–340V DC) | | **Output Voltage** | 5V DC (indicated by the "-5" in the model) | | **Power Rating** | Approximately 10W - 15W (varies by series load) | | **Cooling** | Natural Convection | | **Mounting** | PCB Mount or DIN Rail (depending on the bracket suffix) | | **Protection** | Over-voltage, Over-current, Short-circuit | --- ## 2. Internal Electronic Architecture The device is a "Switching Mode Power Supply" (SMPS). Its internal electronic parts include: ### A. Input Stage * **Bridge Rectifier:** Converts AC input to pulsating DC. * **EMI Filter:** Inductors and X/Y capacitors to prevent electromagnetic interference. * **Bulk Capacitor:** Smooths the high-voltage DC. ### B. Switching Stage * **PWM Controller IC:** Regulates the duty cycle to maintain a steady output. * **Power MOSFET:** The high-speed switch that drives the transformer. * **High-Frequency Transformer:** Provides galvanic isolation between input and output while stepping down the voltage. ### C. Output Stage * **Schottky Barrier Diode:** Rectifies the high-frequency AC from the transformer. * **Filtering Capacitors (Low ESR):** Removes ripple to provide clean 5V DC. * **Optocoupler:** Provides feedback from the output back to the PWM IC while maintaining isolation. --- ## 3. Nomenclature Breakdown The suffix and prefix provide specific information regarding its build: * **M2VF2:** The series identifier (Compact AC/DC Converter). * **5:** Indicates the nominal **5V DC** output voltage. * **WA:** Refers to the wattage or specific housing style (Wide Input/Standard Case). * **R2:** Revision 2 or specific terminal configuration. * **N:** Often indicates a negative logic control or a specific compliance standard (like RoHS or UL). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current output for this specific 5V model?
    • ⤷ Can this module be used in medical applications or just industrial?
    • ⤷ What are the dimensions and pin layout for PCB integration?