전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF2-5WE-R2/N

  • AI
    The **M2VF2-5WE-R2/N** is a specific model of a **Signal Conditioner** or **Isolator** manufactured by **M-System**. It is primarily used in industrial automation to convert, isolate, and transmit analog signals. Below is a breakdown of its electronic characteristics and specifications based on the model numbering code. ### 1. Key Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Primary Function** | V-Network Signal Conditioner (Isolator) | | **Input Signal** | 4 – 20 mA DC | | **Output Signal** | 4 – 20 mA DC (Isolated) | | **Power Input** | 100 – 240V AC | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | | **Isolation** | Input to output to power to ground | | **Mounting** | DIN Rail or Surface Mount | --- ### 2. Breakdown of the Model Number (Nomenclature) To understand the electronic parts and capabilities, we look at the suffix codes: * **M2VF2**: High-density M2-unit series, specifically a signal isolator. * **5WE**: Indicates the input and output range configuration (Standard current loop). * **R2**: Specifies the power supply voltage (24V DC / 100-240V AC depending on the sub-revision). * **N**: Indicates specific terminal block or housing characteristics (often refers to a screw terminal type or no-special-coating). --- ### 3. Electronic Components and Block Diagram The internal circuitry of this device typically consists of four main stages: 1. **Input Stage:** Contains a shunt resistor to convert the 4-20mA current into a voltage signal and a surge protector to guard against spikes. 2. **Isolation Barrier:** Uses an **Optical Isolator (Optocoupler)** or a **Transformer (Magnetic Isolation)** to physically separate the input circuit from the output circuit. This prevents ground loops. 3. **Signal Processing:** An operational amplifier (Op-Amp) circuit scales the signal to ensure linearity and accuracy. 4. **Output Stage:** A current-source circuit that regenerates the 4-20mA signal to drive the external load (e.g., a PLC or DCS input). --- ### 4. Connection Diagram (General) ```text Input (Current) Power Supply Output (Current) [1] (+) <--------> [4] (L/+) [7] (+) [2] (-) <--------> [5] (N/-) [8] (-) [6] (GND) ``` --- ### 5. Application Use Case This part is used when an instrument (like a flow meter) sends a signal to a controller, but there is a risk of **electrical noise** or **potential difference** between the two devices. The M2VF2-5WE-R2/N "cleans" the signal and ensures that a fault on the field side does not damage the expensive control system.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the output of the M2VF2?
    • ⤷ How does the dielectric strength rating of this isolator compare to other M2 series models?
    • ⤷ Is there a version of this part that supports 0-10V voltage output?