전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF2-A1-R2SLASHQ

  • AI
    Based on the model number **M2VF2-A1-R2/Q**, this component belongs to a specialized category of industrial interface modules or motor control accessories, often associated with brands like **Mitsubishi Electric** or **Renishaw** (depending on the specific machinery context). Below is a breakdown of the electronic characteristics and specifications typical for this part series. --- ### 1. Component Overview The **M2VF2** series is generally an **Analog-to-Digital (A/D) or Digital-to-Analog (D/A) Interface Module** or a specific **Signal Converter**. The suffix "A1-R2" typically denotes the hardware revision and input/output configurations. ### 2. Technical Specifications | Feature | Details | | :--- | :--- | | **Type** | Signal Conditioning / Interface Module | | **Input Channels** | Dual-channel (V2 usually indicates 2 channels) | | **Signal Range** | 0-10V, 4-20mA, or ±10V (Configurable) | | **Mounting** | DIN Rail or Panel Mount | | **Operating Voltage** | 24V DC (Standard for industrial automation) | | **Revision (R2)** | Revision 2 (Hardware updates/Improved EMI shielding) | ### 3. Key Electronic Parts & Functionality The internal architecture of the **M2VF2-A1-R2/Q** consists of several critical electronic stages: #### A. Isolation Barrier * **Optocouplers:** Used to galvanically isolate the high-voltage field signals from the sensitive PLC or controller logic. * **DC-DC Converters:** Provide isolated power rails to prevent ground loops. #### B. Signal Processing * **Operational Amplifiers (Op-Amps):** Precision amplifiers used for scaling and filtering incoming analog signals. * **A/D Converters (ADC):** High-resolution converters (typically 12-bit or 16-bit) to digitize analog inputs for the system bus. #### C. Connectivity & Protection * **Terminal Blocks:** Screw-type or spring-clamp connectors for field wiring. * **TVS Diodes:** Transient Voltage Suppression diodes to protect against surges and ESD (Electrostatic Discharge). ### 4. Application Context These modules are primarily found in: 1. **CNC Machines:** Interfacing spindle speed controls. 2. **PLCs:** Expanding the I/O capabilities of a base controller unit. 3. **Sensor Integration:** Converting linear scale or pressure transducer signals into a format the main CPU can process. ---
    ✨ Follow-up Questions
    • What is the specific manufacturer for this model number?
    • Is there a datasheet available for the R2 revision?
    • How do I wire the 24V DC input for this module?