M2VF2-A2-R2/Q
AI

The **M2VF2-A2-R2/Q** is a high-performance, industrial-grade camera module from the **Baumer VisiLine®** series. These cameras are engineered for machine vision applications requiring high frame rates and robust reliability.
---
### 1. Core Technical Specifications
The "M2" designation typically refers to the CMOS sensor architecture used in this specific revision.
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | CMOS (Global Shutter) |
| **Interface** | Dual Gigabit Ethernet (GigE Vision) |
| **Resolution** | 2.0 Megapixels (Approx. 1920 x 1080) |
| **Frame Rate** | Up to 160+ fps (depending on ROI) |
| **Color/Monochrome** | Usually Monochrome (denoted by the lack of 'C') |
| **Mount Type** | C-Mount |
---
### 2. Electronic Components & Architecture
The internal electronics are divided into three primary functional blocks:
#### A. Imaging Backend (Sensor & AFE)
* **CMOS Global Shutter:** Unlike rolling shutters, this captures the entire frame simultaneously, eliminating motion blur for high-speed objects.
* **Analog Front End (AFE):** Converts the raw sensor signals into digital data with high bit-depth (typically 10 or 12-bit ADC).
#### B. Processing Logic (FPGA)
* **Real-time Processing:** The onboard FPGA handles pixel correction, defect pixel mapping, and gain/offset control.
* **Burst Mode Memory:** Includes internal RAM to buffer images if the network bandwidth fluctuates, preventing data loss.
#### C. Connectivity & I/O
* **Dual GigE Interface:** Uses two Ethernet ports to double the bandwidth (2 Gbps total), allowing for higher frame rates than standard GigE cameras.
* **Opto-isolated I/O:** The electronics include high-speed triggers and flash synchronization outputs protected by optical isolation to prevent damage from industrial electrical noise.
---
### 3. Electronic Interface Pinout (Circular Connector)
The camera typically uses a standard M12 or Hirose connector for power and I/O signals:
```yaml
Pin Configuration (Typical):
1: Power (12-24V DC)
2: Digital Input (Trigger)
3: Digital Output (Strobe/Flash)
4: Ground (GND)
```
---
### 4. Key Application Use-Cases
1. **High-Speed Inspection:** Identifying defects on a conveyor belt moving at several meters per second.
2. **Motion Analysis:** Tracking rapid mechanical movements in automated assembly lines.
3. **Print Inspection:** Scanning high-resolution text and graphics on packaging materials.
- ⤷
What are the specific power requirements (Voltage/Wattage) for this model?
- ⤷ How does the Dual GigE setup handle data synchronization between the two ports?
- ⤷ Is there a specific SDK required to program this camera's FPGA settings?