전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2VF2-A4-R/N

  • AI
    The **M2VF2-A4-R/N** is a specific model of an **M2V series Signal Conditioner (Isolator)** manufactured by companies like **M-System** (now MG CO., LTD). It is designed to take a variable analog input signal and convert it into an isolated analog output signal. ### 1. Part Number Breakdown Understanding the specific electronic characteristics requires decoding the suffix codes: | Code Segment | Description | Specific Specification | | :--- | :--- | :--- | | **M2VF2** | Model Series | Ultra-slim Signal Conditioner (Isolator) | | **-A4** | Input/Output Type | 4 to 20 mA DC (Input) / 4 to 20 mA DC (Output) | | **-R** | Power Input | 24V DC | | **-N** | Compliance/Options | No specific standards (standard terminal) | --- ### 2. Key Electronic Specifications The internal circuitry is designed for high-precision industrial automation. #### Electrical Input & Output * **Input Signal:** 4 – 20 mA DC (Input resistance approx. 250 Ω). * **Output Signal:** 4 – 20 mA DC (Load resistance max. 550 Ω). * **Accuracy:** ±0.1% of span. * **Response Time:** ≤ 0.5 seconds (0 – 90%). #### Isolation & Protection This part is used to prevent ground loops and protect sensitive PLC/DCS inputs from high-voltage surges. * **Isolation Technique:** 3-way isolation (Input to Output to Power). * **Dielectric Strength:** 2000V AC @ 1 minute (Input to output to power to ground). * **Insulation Resistance:** ≥ 100 MΩ with 500V DC. #### Physical & Power Attributes * **Power Consumption:** Approx. 3W. * **Construction:** Slim-line housing for DIN rail mounting (approx. 5.9 mm or 12.5 mm width depending on the specific sub-generation). * **Operational Temperature:** -5 to +55°C (23 to 131°F). --- ### 3. Circuit Block Diagram Concept Internally, the M2VF2 functions through three main stages: ```mermaid graph LR A[Input Terminal] --> B[Signal Conditioning/Filter] B --> C[Opto-Isolator / Transformer] C --> D[Output Buffer/Amplifier] E[Power Supply 24V] --> F[DC/DC Converter] F -.-> B F -.-> D ``` 1. **Input Stage:** Receives the 4-20mA loop, often utilizing a high-precision shunt resistor. 2. **Isolation Stage:** Uses optical or magnetic coupling to pass the signal without a direct electrical connection. 3. **Output Stage:** Reconstructs the 4-20mA signal to drive the external load (e.g., a controller or recorder). --- ### 4. Common Applications * **Ground Loop Elimination:** Used when the sensor and the PLC are at different ground potentials. * **Signal Boosting:** Providing extra drive capability for long-distance cable runs. * **Equipment Protection:** Protecting expensive control systems from field-side electrical faults. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance the M2VF2-A4-R/N can handle on its output?
    • ⤷ How does 3-way isolation differ from 2-way isolation in this model?
    • ⤷ Can this unit be used with a 110V AC power supply instead of 24V DC?